Electronic Components Datasheet Search
  English  ▼

X  

MP100L Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP100L
Description  Offline Inductor-Less Regulator For Low Power Application
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP100L Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP100L Datasheet HTML 10Page - Monolithic Power Systems MP100L Datasheet HTML 11Page - Monolithic Power Systems MP100L Datasheet HTML 12Page - Monolithic Power Systems MP100L Datasheet HTML 13Page - Monolithic Power Systems MP100L Datasheet HTML 14Page - Monolithic Power Systems MP100L Datasheet HTML 15Page - Monolithic Power Systems MP100L Datasheet HTML 16Page - Monolithic Power Systems MP100L Datasheet HTML 17Page - Monolithic Power Systems MP100L Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
MP100L EASYPOWER
TM – OFFLINE INDUCTOR-LESS REGULATOR
TYPICAL APPLICATION CIRCUITS
GND
GND
12V/20mA
275VAC
RV
MP100L
VD
5
NC
7
FB
3
VB
6
PG
1
VIN
8
GND
2
VOUT
4
U1
BD1
MB6S
220uF/35V
C1
470pF/50V
C3
100k
R3
90.9k
R1
10.2k
R2
4.7uF/16V
C2
0.1uF/16V
C4
20/1W
RF
L
N
85~265VAC
VOUT
GND
/275VAC
1%
1%
220nF
CX1
NC
R4
NC
R5
NC
R6
Figure 4: Typical Application
MP100L Rev. 1.0
www.MonolithicPower.com
15
11/3/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com