Electronic Components Datasheet Search
  English  ▼

X  

MP100LGN Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP100LGN
Description  Offline Inductor-Less Regulator For Low Power Application
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP100LGN Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP100LGN Datasheet HTML 4Page - Monolithic Power Systems MP100LGN Datasheet HTML 5Page - Monolithic Power Systems MP100LGN Datasheet HTML 6Page - Monolithic Power Systems MP100LGN Datasheet HTML 7Page - Monolithic Power Systems MP100LGN Datasheet HTML 8Page - Monolithic Power Systems MP100LGN Datasheet HTML 9Page - Monolithic Power Systems MP100LGN Datasheet HTML 10Page - Monolithic Power Systems MP100LGN Datasheet HTML 11Page - Monolithic Power Systems MP100LGN Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MP100L EASYPOWER
TM – OFFLINE INDUCTOR-LESS REGULATOR
PIN FUNCTIONS
SOIC-8
EP
Pin #
Name
Description
1
PG
Power Good. Requires an external pull-up resistor because it is an open drain. When VOUT
reaches 80% of its normal output voltage, PG goes high after a 245µs delay.
2
GND
Ground.
3
FB
Output Voltage Feedback. Connect to a capacitor to VOUT to improve low dropout stability.
Internally voltage divider set the output to be 12V. Connect to the tap of a resistor divider to
adjust the output voltage.
4
VOUT
Output Voltage.
5
VD
Connect a cap from this pin to GND to store energy for the low drop-out stage.
6
VB
Connect with VD directly.
7
NC
Not Connected.
8
VIN
Voltage Input Supply. Providing energy when the voltage falls within the charging window.
Expose
pad
Connect to a large copper surface connected to GND to enhance thermal dissipation.
MP100L Rev. 1.0
www.MonolithicPower.com
8
11/3/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com