Electronic Components Datasheet Search
  English  ▼

X  

MP4832 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4832
Description  32-Channel High Voltage Analog Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4832 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4832 Datasheet HTML 1Page - Monolithic Power Systems MP4832 Datasheet HTML 2Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MP4832
32-Channel High Voltage Analog Switch
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MP4832 Rev. 0.8
www.MonolithicPower.com
1
2/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2017 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4832 is a 32-channel high voltage single-
pole
single-throw,
SPST,
analog
switch
designed for medical ultrasound imaging
applications.
It is designed to multiplex the
transmit and receive voltages to and from
multiple piezoelectric transducers, PZTs.
The output switches are controlled by a 32-bit
serial shift register followed by a 32-bit data
latch. A data out, Dout, pin is provided to allow
for multiple devices to be cascaded together.
This will help minimize the number of
input/output, I/O, control lines. A logic High in
the data latch will turn on the corresponding
analog switch whereas a logic Low will turn it off.
The MP4832 does not require any high voltage
supplies. Only two low voltage supplies are
required, 3.3V and 10V. The analog switch can
block or pass analog voltages up to ±100V with
peak currents of up to ±2.0A. The MP4832 is
available in a QFN 72-pin 10mm x 10mm
package.
FEATURES
 No High Voltage Supplies Required
 32 Channels
 Up to ±100V Analog Signals
 14 Ohms Typical Switch Resistance
 ±2.0A Typical Switch Peak Current
 Off-Isolation of -60dB at 5.0MHz
 80MHz Clock Frequency
APPLICATIONS
 Medical Ultrasound Imaging
 NDT, Non-Destructive Testing
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive.
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.
Please email “ultrasoundproducts@monolithicpower.com” 
for more information 
TYPICAL APPLICATION
Tx
Rx
T/R
SW
Tx-0
SWin-0
SWin-1
SWin-2
Tx
Rx
T/R
SW
Tx-63
SWin-189
SWin-190
SWin-191
PZT-0
PZT-1
PZT-2
PZT-189
PZT-190
PZT-191
SWout-0
SWout-1
SWout-2
SWout-189
SWout-190
SWout-191


Similar Part No. - MP4832

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4832A MPS-MP4832A Datasheet
132Kb / 2P
32-Channel High Voltage Analog Switch With Output Bleed Resistors
MP4832AGRD MPS-MP4832AGRD Datasheet
132Kb / 2P
32-Channel High Voltage Analog Switch With Output Bleed Resistors
More results

Similar Description - MP4832

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20822 SUTEX-HV20822 Datasheet
343Kb / 6P
16 Channel High Voltage Analog Switch
HV209 SUTEX-HV209 Datasheet
54Kb / 8P
12-Channel High Voltage Analog Switch
logo
List of Unclassifed Man...
USH5010 ETC1-USH5010 Datasheet
6Mb / 8P
HIGH VOLTAGE 8-CHANNEL ANALOG SWITCH
logo
Supertex, Inc
HV2116 SUTEX-HV2116 Datasheet
90Kb / 9P
8-Channel High Voltage Analog Switch
HV2801 SUTEX-HV2801 Datasheet
1Mb / 9P
Low Charge Injection 32-Channel High Voltage Analog Switch
HV2808 SUTEX-HV2808 Datasheet
661Kb / 7P
Low Harmonic Distortion, 32-Channel, High Voltage Analog Switch IC
HV20822 SUTEX-HV20822_13 Datasheet
657Kb / 7P
16-Channel, High Voltage Analog Switch
logo
Monolithic Power System...
MP4816 MPS-MP4816 Datasheet
143Kb / 2P
16-Channel High Voltage Analog Switch
MP4832A MPS-MP4832A Datasheet
132Kb / 2P
32-Channel High Voltage Analog Switch With Output Bleed Resistors
logo
Microchip Technology
HV2803 MICROCHIP-HV2803 Datasheet
1,014Kb / 32P
No High-Voltage Bias, Low Harmonic Distortion, 32-Channel, High-Voltage Analog Switch
Revision C May 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com