Electronic Components Datasheet Search
  English  ▼

X  

MP4832A Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4832A
Description  32-Channel High Voltage Analog Switch With Output Bleed Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4832A Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4832A Datasheet HTML 1Page - Monolithic Power Systems MP4832A Datasheet HTML 2Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MP4832A–32-CHANNEL HIGH VOLTAGE ANALOG SWITCH WITH BLEED RESISTOR
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MP4832A Rev. 0.8
www.MonolithicPower.com
2
3/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2017 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP4832AGRD
QFN-72 (10mm x 10mm)
See Below
* For Tape & Reel, add suffix –Z (e.g. MP4832AGRD–Z).
TOP MARKING
MP4832A: product code of MP4832AGRD;
MPS: MPS prefix:
YY: year code;
WW: week code:
LLLLLLLLL: lot number;
PACKAGE REFERENCE
QFN-72 (10mm x 10mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com