Electronic Components Datasheet Search
  English  ▼

X  

MP7705 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP7705
Description  12V, 2x5W/2x2.5W Class?밆 Stereo Single Ended Audio Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7705 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP7705 Datasheet HTML 2Page - Monolithic Power Systems MP7705 Datasheet HTML 3Page - Monolithic Power Systems MP7705 Datasheet HTML 4Page - Monolithic Power Systems MP7705 Datasheet HTML 5Page - Monolithic Power Systems MP7705 Datasheet HTML 6Page - Monolithic Power Systems MP7705 Datasheet HTML 7Page - Monolithic Power Systems MP7705 Datasheet HTML 8Page - Monolithic Power Systems MP7705 Datasheet HTML 9Page - Monolithic Power Systems MP7705 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MP7705 – 12V, 2x5W/2x2.5W CLASS–D STEREO SINGLE ENDED AUDIO AMPLIFIER
MP7705 Rev. 1.1
www.MonolithicPower.com
9
9/18/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
MP7705
BS1
SW1
BS2
SW1
REF1
2
VDD
VDD
3
8
CH1
INPUT
7
6
10
4
9
CH1
OUTPUT
CH2
OUTPUT
14
18
20
13
15
12
19
17
IN1
REF2
IN2
EN2
EN1
AGND2
AGND1
PGND2
VDD2
VDD
CBYP2
CBYP1
CVDDBYP
DSL2
DSL1
CF1
COUT1
LF1
LF2
COUT2
CF2
VDD
VDD
RBS1
RBS2
CBS2
CBS1
CFB1
RFB1
DBS1
DBS3
DBS4
DBS2
CH2
INPUT
EN
PGND2
VDD2
CFB2
RFB2
CIN2
RIN2
CIN1
RIN1
CR2
CINT2
RRL2
RRH2
CR1
CINT1
RRL1
RRH1
Figure 1—2x2.5W Stereo Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com