Electronic Components Datasheet Search
  English  ▼

X  

MP7748S Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP7748S
Description  2 x 30W Stereo Single Ended Or 60W Mono BTL Class D Audio Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7748S Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP7748S Datasheet HTML 12Page - Monolithic Power Systems MP7748S Datasheet HTML 13Page - Monolithic Power Systems MP7748S Datasheet HTML 14Page - Monolithic Power Systems MP7748S Datasheet HTML 15Page - Monolithic Power Systems MP7748S Datasheet HTML 16Page - Monolithic Power Systems MP7748S Datasheet HTML 17Page - Monolithic Power Systems MP7748S Datasheet HTML 18Page - Monolithic Power Systems MP7748S Datasheet HTML 19Page - Monolithic Power Systems MP7748S Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
MP7748S
–2 X 30W STEREO SE OR 60W MONO BTL CLASS D AUDIO AMPLIFIER
MP7748S Rev. 1.0
www.MonolithicPower.com
16
10/14/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Programmable UVP
MP7748S
integrate
programmable
UVP
function, which can be used to shutdown the
MP7748S to escape the pop, by controlling the
UVP node voltage. The VDD shutdown voltage
can be flexibly adjusted by the external resistor,
as shown in the figure 2.
VDD
UVP
AGND
+2.2V
+
-
RL
RH
RH_internal
RL_internal
Fig
ure 2
—UVP Block Diagram
If external resistor RH and RL is low enough (e.g.
RH, RL < 50kΩ) compared with internal resistor,
the VDD shutdown voltage (rising threshold)
can be calculated by the equation:
HL
VDD _ shutdown
L
(R
R )
V
2.2 *
R
If the UVP pin is NC, the default VDD shutdown
voltage (rising threshold) is 8.4V since there is
internal voltage divided circuit.
For example, please see the table 1 for
recommended UVP setting for reduce the
power off pop.
Table 1: Recommended RH and RL for proper
UVP setting.
VDD
(V)
VDD_shutdown
(V)
RH
RL
12
8.6
15k
5.1k
24
19
39k
5.1k
36
26
56k
5.1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com