Electronic Components Datasheet Search
  English  ▼

X  

72-034 Datasheet(PDF) 2 Page - NTE Electronics

Part # 72-034
Description  Fixed Shroud Plug, 4mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

72-034 Datasheet(HTML) 2 Page - NTE Electronics

  72-034 Datasheet HTML 1Page - NTE Electronics 72-034 Datasheet HTML 2Page - NTE Electronics 72-034 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NEW
NEW
44
NTE Electronics, Inc. D Voice (973) 748−5089 D FAX (973) 748−6224 D http://www.nteinc.com
Right Angle Plug, 4mm
Features
Accepts Cable up to .177” (4.5mm) Dia.
Standard Colors: Black, Red
NTE Type No.
Color
Diag No.
72−063
Black
TL−024
72−064
Red
TL−024
TL−024
1.260
(32.0)
1.260 (32.0)
.315 (8.0) Dia.
Specifications
IEC 1010 Rating: 1000V CAT3
20 Amps
In Line Socket, 4mm
Features
Accepts Cable up to .177” (4.5mm) Dia.
Standard Colors: Black, Red
NTE Type No.
Color
Diag No.
72−035
Black
TL−025
72−036
Red
TL−025
TL−025
2.401 (61.0)
.457 (11.6) Dia.
.157 (4.0) Dia.
Specifications
IEC 1010 Rating: 1000V CAT3
20 Amps
Cable Mountable Shrouded Banana Plug, 4mm
Features
Nickel−Plated Brass Banana Plug with Nylon Insulator
Allows For Quick and Easy Termination to Insulated Wire
Standard Colors: Black, Red
NTE Type No.
Color
Diag No.
72−179−0
Black
TL−029
72−179−2
Red
TL−029
TL−029
1.910 (48.5)
.255 (6.48) Dia.
(Plastic I.D.)
.415
(10.54)
Specifications
IEC 1010 Rating: 1000V CAT3, 1500V CAT2, 20 Amps



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com