Electronic Components Datasheet Search
  English  ▼

X  

MP7752 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP7752
Description  18V, 2x15W Stereo BTL, Fixed Frequency, Inductorless Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7752 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP7752 Datasheet HTML 12Page - Monolithic Power Systems MP7752 Datasheet HTML 13Page - Monolithic Power Systems MP7752 Datasheet HTML 14Page - Monolithic Power Systems MP7752 Datasheet HTML 15Page - Monolithic Power Systems MP7752 Datasheet HTML 16Page - Monolithic Power Systems MP7752 Datasheet HTML 17Page - Monolithic Power Systems MP7752 Datasheet HTML 18Page - Monolithic Power Systems MP7752 Datasheet HTML 19Page - Monolithic Power Systems MP7752 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
MP7752 – 18V, 2X15W STEREO FIX FREQUENCY INDUCTORLESS BTL CLASS D AUDIO AMPLIFIER
MP7752 Rev. 1.01
www.MonolithicPower.com
18
5/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Electro-Magnetic Interference (EMI)
Considerations
Due to the switching nature of Class D
amplifiers, care must be taken to minimize the
effects of electromagnetic interference from the
amplifier. However, proper component selection
and careful attention to circuit layout can
minimize the effects of the EMI due to the
amplifier switching.
The magnetic beads are used for blocking
radiated emissions from SW nodes. For the
best EMI performance, use high current and
high impedance magnetic bead. muRata
NFZ2M series CLASS D EMI filter has been
tested work well in series with PVCC and four
SW outputs.
The size of high-current loops that carry rapidly
changing currents must be minimized: Make
sure that the VCC bypass capacitors are as
close to the MP7752 as possible.
Nodes that carry rapidly changing voltage, such
as SW, need to be made as small as possible.
If sensitive traces run near a trace connected to
SW, place a ground shield between the traces.
MP7752 EVB passed CISPR22 CLASS B
standard with stereo full power output.
Figure 4: EMI Test Data of MP7752 EVB
Test Condition: 10 meter EMI chamber, 1.2 meter twist speaker cable, MP7752 EVB stereo test.
VDD=12V, LOAD=8ohm+66uH, POUT=9.5W X 2, 1 kHz Signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com