Electronic Components Datasheet Search
  English  ▼

X  

MP7752GF Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP7752GF
Description  18V, 2x15W Stereo BTL, Fixed Frequency, Inductorless Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7752GF Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP7752GF Datasheet HTML 11Page - Monolithic Power Systems MP7752GF Datasheet HTML 12Page - Monolithic Power Systems MP7752GF Datasheet HTML 13Page - Monolithic Power Systems MP7752GF Datasheet HTML 14Page - Monolithic Power Systems MP7752GF Datasheet HTML 15Page - Monolithic Power Systems MP7752GF Datasheet HTML 16Page - Monolithic Power Systems MP7752GF Datasheet HTML 17Page - Monolithic Power Systems MP7752GF Datasheet HTML 18Page - Monolithic Power Systems MP7752GF Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
MP7752 – 18V, 2X15W STEREO FIX FREQUENCY INDUCTORLESS BTL CLASS D AUDIO AMPLIFIER
MP7752 Rev. 1.01
www.MonolithicPower.com
15
5/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Figure 1b: enable on with audio signal present
Adjustable Power Limit
Power limit and anti-clipping feature control. The
voltage at pin 10 can used to limit the power to
levels below that which is possible based on the
supply rail.
Connect a resistor divider from AVCC to GND to
set power limit. Connect directly to AVCC for no
power limit.
An external reference may also be used if tighter
tolerance is required. Also add a 1μF capacitor
from pin 10 to ground.
Figure 2. PLIMT Circuit Operation
The PLIMIT circuit sets a limit on the output
peak-to-peak voltage. The limiting is done by
limiting the duty cycle to fixed maximum value.
This limit can be thought of as a "virtual" voltage
rail which is lower than the supply connected to
PVCC. This "virtual" rail is 9 times the voltage at
the PLIMIT pin. This output voltage can be used
to calculate the maximum output power for a
given maximum input voltage and speaker
impedance.
2
L
P
LS
OUT
L
R
V
R2 R
P
2R







for unclipped power
Where:
RS is the total output series resistance (including
Rdson and the resistance of output filter.
RL is the load resistance.
VP is the peak amplifier of the output voltage.
VP = 9 x PLIMIT voltage if 8 x PLIMIT < PVCC
And
OUT
OUT
P
@10%THD 1.25 unclipped P
Table 2: Power Limit Typical Operation
Test
Condition
PLIMIT
Voltage
Output
Voltage
(Vp-p)
Output Power
(10% THD)
VDD=12V,
Vin=1Vrms,
Load=8Ω,
Gain=20dB
0.80V
14.9
5.0W
VDD=16V,
Vin=1Vrms,
Load=8Ω,
Gain=20dB
0.80V
14.9
5.0W
VDD=16V,
Vin=1Vrms,
Load=8Ω,
Gain=20dB
1.44V
23.6
10.0W
VDD=18V,
Vin=1Vrms,
Load=8Ω,
Gain=20dB
1.44V
23.6
10.0W
Gain Setting
The gain of the MP7752 is set by the input
terminals, GAIN0 and GAIN1. The actual gain
settings are controlled by ratios of the internal
input and feedback resistors, details please see
the below table.
Input signal=1Vrms
Plimit=0.8V=5W
Plimit=1.44V=10W
Plimit=1.74V=11.24W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com