Electronic Components Datasheet Search
  English  ▼

X  

74HC237DB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC237DB
Description  3-to-8 line decoder, demultiplexer with address latches
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC237DB Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC237DB Datasheet HTML 1Page - NXP Semiconductors 74HC237DB Datasheet HTML 2Page - NXP Semiconductors 74HC237DB Datasheet HTML 3Page - NXP Semiconductors 74HC237DB Datasheet HTML 4Page - NXP Semiconductors 74HC237DB Datasheet HTML 5Page - NXP Semiconductors 74HC237DB Datasheet HTML 6Page - NXP Semiconductors 74HC237DB Datasheet HTML 7Page - NXP Semiconductors 74HC237DB Datasheet HTML 8Page - NXP Semiconductors 74HC237DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
9397 750 13807
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
5 of 19
Philips Semiconductors
74HC237
3-to-8 line decoder, demultiplexer with address latches
6.2 Pin description
7.
Functional description
7.1 Function table
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care.
Table 3:
Pin description
Symbol
Pin
Description
A0
1
data input 0
A1
2
data input 1
A2
3
data input 2
LE
4
latch enable input (active LOW)
E1
5
data enable input 1 (active LOW)
E2
6
data enable input 2 (active HIGH)
Y7
7
multiplexer output 7
GND
8
ground (0 V)
Y6
9
multiplexer output 6
Y5
10
multiplexer output 5
Y4
11
multiplexer output 4
Y3
12
multiplexer output 3
Y2
13
multiplexer output 2
Y1
14
multiplexer output 1
Y0
15
multiplexer output 0
VCC
16
positive supply voltage
Table 4:
Function table
Enable
Input
Output
LE
E1
E2
A0
A1
A2
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
H
L
H
X
X
X
stable
X
H
X
X
X
X
L
LLLLLLL
X
X
LX
X
X
LLLLLLLL
LLH
L
LLH
L
LLLLLL
H
L
LLH
LLLLLL
LH
LLLH
LLLLL
H
H
LLLLH
LLLL
LLH
L
LLLH
LLL
H
L
H
L
LLLLH
LL
LH
H
L
LLLLLH
L
H
H
H
L
LLLLLLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com