Electronic Components Datasheet Search
  English  ▼

X  

LA-W5SN Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LA-W5SN
Description  white SMD package, colorless clear silicone
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-W5SN Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LA-W5SN Datasheet HTML 5Page - OSRAM GmbH LA-W5SN Datasheet HTML 6Page - OSRAM GmbH LA-W5SN Datasheet HTML 7Page - OSRAM GmbH LA-W5SN Datasheet HTML 8Page - OSRAM GmbH LA-W5SN Datasheet HTML 9Page - OSRAM GmbH LA-W5SN Datasheet HTML 10Page - OSRAM GmbH LA-W5SN Datasheet HTML 11Page - OSRAM GmbH LA-W5SN Datasheet HTML 12Page - OSRAM GmbH LA-W5SN Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LR W5SN, LA W5SN, LY W5SN
2010-09-08
9
Relative Spannung
2)4) Seite 20
Relative Voltage
2)4) page 20
ΔV
F = VF - VF(25 °C) = f (Tj); IF = 700 mA;
red, amber
Relative Spannung
2)4) Seite 20
Relative Voltage
2)4) page 20
ΔV
F = VF - VF(25 °C) = f (Tj); IF = 700 mA;
yellow
-40
-0.15
˚C
T
j
OHL04417
V
F
V
Δ
-20
0
20 40 60 80
120
-0.10
-0.05
0
0.05
0.10
0.15
0.25
-40
-0.15
˚C
T
j
OHL04418
V
F
V
Δ
-20
0
20 40 60 80
120
-0.10
-0.05
0
0.05
0.10
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com