Electronic Components Datasheet Search
  English  ▼

X  

SFH-487 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-487
Description  Very highly efficient GaAlAs-LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-487 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-487 Datasheet HTML 1Page - OSRAM GmbH SFH-487 Datasheet HTML 2Page - OSRAM GmbH SFH-487 Datasheet HTML 3Page - OSRAM GmbH SFH-487 Datasheet HTML 4Page - OSRAM GmbH SFH-487 Datasheet HTML 5Page - OSRAM GmbH SFH-487 Datasheet HTML 6Page - OSRAM GmbH SFH-487 Datasheet HTML 7Page - OSRAM GmbH SFH-487 Datasheet HTML 8Page - OSRAM GmbH SFH-487 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2009-09-30
1
2009-09-30
GaAlAs Infrared Emitter (880 nm)
GaAlAs-IR-Lumineszensdiode (880 nm)
Version 1.0
SFH 487
Features:
Besondere Merkmale:
• Very highly efficient GaAlAs-LED
• GaAlAs-LED mit sehr hohem Wirkungsgrad
• High reliability
• Hohe Zuverlässigkeit
• UL version available
• UL Version erhältlich
• High pulse handling capability
• Hohe Impulsbelastbarkeit
• Good spectral match to silicon photodetectors
• Gute spektrale Anpassung an Si-Fotoempfänger
• Same package as SFH 309, SFH 409
• Same package as SFH 309, SFH 409
Applications
Anwendungen
• IR remote control of hi-fi and TV-sets, video tape
recorders, dimmers
• IR-Fernsteuerung von Fernseh-, Rundfunk- und
Videogeräten, Lichtdimmern
• Light-reflection switches (max. 500 kHz)
• Lichtschranken bis 500 kHz
• Coin counters
• Münzzähler
•Sensor technology
• Sensorik
• Smoke detectors
• Rauchmelder
• Discrete optocouplers
• Diskrete Optokoppler
Notes
Hinweise
Depending on the mode of operation, these devices
emit highly concentrated non visible infrared light
which can be hazardous to the human eye. Products
which incorporate these devices have to follow the
safety precautions given in IEC 60825-1 and IEC
62471.
Je nach Betriebsart emittieren diese Bauteile
hochkonzentrierte, nicht sichtbare
Infrarot-Strahlung, die gefährlich für das
menschliche Auge sein kann. Produkte, die diese
Bauteile enthalten, müssen gemäß den
Sicherheitsrichtlinien der IEC-Normen 60825-1 und
62471 behandelt werden.


Similar Part No. - SFH-487

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-480 OSRAM-SFH-480 Datasheet
104Kb / 9P
GaAlAs-Lumineszenzdioden
SFH-4811 OSRAM-SFH-4811 Datasheet
177Kb / 13P
Fabricated in a liquid phase epitaxy process
SFH-484 OSRAM-SFH-484 Datasheet
81Kb / 8P
GaAlAs-IR-Lumineszenzdioden
SFH-4841 OSRAM-SFH-4841 Datasheet
241Kb / 9P
Anode is electrically connected to the case
SFH-4845 OSRAM-SFH-4845 Datasheet
240Kb / 9P
Anode is electrically connected to the case
More results

Similar Description - SFH-487

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
ZSP540 LSI-ZSP540 Datasheet
63Kb / 2P
Highly Efficient Quad-MAC DSP Core
logo
OSA Opto Light GmbH
123144 OSA-123144 Datasheet
53Kb / 1P
GaAlAs / GaAlAs LED Chips
123144H OSA-123144H Datasheet
53Kb / 1P
GaAlAs / GaAlAs LED Chips
128144 OSA-128144 Datasheet
53Kb / 1P
GaAlAs / GaAlAs LED Chips
193150 OSA-193150 Datasheet
53Kb / 1P
GaAlAs / GaAlAs LED Chips
logo
NXP Semiconductors
DC6M401X6-18S NXP-DC6M401X6-18S Datasheet
709Kb / 2P
Small, highly efficient switching converters
October 2012
logo
Texas Instruments
LM36922H TI1-LM36922H Datasheet
1Mb / 46P
Highly Efficient Dual-String White LED Driver
LM36923H TI1-LM36923H Datasheet
1Mb / 47P
Highly Efficient Triple-String White LED Driver
logo
OSRAM GmbH
LECGQ8WP-5P8P-1 OSRAM-LECGQ8WP-5P8P-1 Datasheet
1Mb / 24P
Highly efficient lightsource, slim package design
logo
Renesas Technology Corp
ISL85003 RENESAS-ISL85003 Datasheet
1Mb / 23P
Highly Efficient 3A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com