Electronic Components Datasheet Search
  English  ▼

X  

SFH-2332 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-2332
Description  Especially suitable for applications from 350nm to 780nm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-2332 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-2332 Datasheet HTML 1Page - OSRAM GmbH SFH-2332 Datasheet HTML 2Page - OSRAM GmbH SFH-2332 Datasheet HTML 3Page - OSRAM GmbH SFH-2332 Datasheet HTML 4Page - OSRAM GmbH SFH-2332 Datasheet HTML 5Page - OSRAM GmbH SFH-2332 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SFH 2332
2008-05-25
3
Halbwinkel
Half angle
ϕ
± 17
Grad
deg.
Dunkelstrom, V
R = 5V
Dark current
I
R
0.05
5
nA
Anstiegs- und Abfallzeit des Fotostromes
Rise and fall time of the photocurrent, 10% - 90%
V
R = 5V; RL = 50 Ω; Ip = 1 mA;
λ = 405nm
λ = 650nm
λ = 780 nm;
t
r, tf
1.5
1.6
1.8
5
5
5
ns
Kapazität,
f = 1 MHz, E = 0, V
R = 0 V;
Capacitance
C
0
4.5
5
pF
Temperaturkoeffizient von
Sλ
Temperature coefficient of
Sλ
λ = 405 nm
λ = 650 nm
λ = 780 nm
TC
I
-0.06
0.00
0.01
%/K
%/K
%/K
Rauschäquivalente Strahlungsleistung
1)
Noise equivalent power,
λ = 650 nm
NEP
8.2
×10-15
1)
Kennwerte
(T
A = 25 °C)
Characteristics (cont’d)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
min
typ
max
W
Hz
------------
NEP
17,9
15
–
×10
I
R
Sλ
---------
×
=



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com