Electronic Components Datasheet Search
  English  ▼

X  

SFH-2440 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-2440
Description  Silicon Photodiode with V貫 Characteristic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-2440 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-2440 Datasheet HTML 1Page - OSRAM GmbH SFH-2440 Datasheet HTML 2Page - OSRAM GmbH SFH-2440 Datasheet HTML 3Page - OSRAM GmbH SFH-2440 Datasheet HTML 4Page - OSRAM GmbH SFH-2440 Datasheet HTML 5Page - OSRAM GmbH SFH-2440 Datasheet HTML 6Page - OSRAM GmbH SFH-2440 Datasheet HTML 7Page - OSRAM GmbH SFH-2440 Datasheet HTML 8Page - OSRAM GmbH SFH-2440 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2018-02-23
1
2018-02-23
Silicon Photodiode with Vλ Characteristic
Version 1.2
SFH 2440
Ordering Information
Features:
•
Spectral sensitivity adapted to Human Eye Sensitivity (V
λ)
•
Low temperature coefficient of spectral sensitivity
•
High linearity
•
DIL plastic package with high packing density
•
Fast switching time
Applications
•
Ambient light sensor (Mobile phone, regulation of air conditioning)
•
Bio Monitoring
Type:
Spectral sensitivity
Ordering Code
S [nA/Ix]
V
R = 5 V, standard light A, T =
2856 K
SFH 2440
9.4
Q65111A8524


Similar Part No. - SFH-2440

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-2440-L OSRAM-SFH-2440-L Datasheet
453Kb / 12P
Silicon Photodiode with V貫 Characteristic
More results

Similar Description - SFH-2440

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH2430 OSRAM-SFH2430 Datasheet
204Kb / 6P
Silicon Photodiode with V貫 Characteristics
SFH2430 OSRAM-SFH2430_18 Datasheet
440Kb / 12P
Silicon Photodiode with V Characteristic
SFH2240 OSRAM-SFH2240 Datasheet
494Kb / 13P
Silicon Photodiode with V貫 Characteristic Version 1.2
SFH2440L OSRAM-SFH2440L Datasheet
453Kb / 12P
Silicon Photodiode with V貫 Characteristic Version 1.0
SFH-2240 OSRAM-SFH-2240 Datasheet
494Kb / 13P
Silicon Photodiode with V貫 Characteristic
SFH-2430 OSRAM-SFH-2430 Datasheet
440Kb / 12P
Silicon Photodiode with V貫 Characteristic
SFH-2440-L OSRAM-SFH-2440-L Datasheet
453Kb / 12P
Silicon Photodiode with V貫 Characteristic
SFH-2716 OSRAM-SFH-2716 Datasheet
421Kb / 12P
Silicon PN Photodiode with V貫 Characteristics
SFH-3310 OSRAM-SFH-3310 Datasheet
394Kb / 9P
Silicon NPN Phototransistor with V貫 Characteristics
SFH-3711 OSRAM-SFH-3711 Datasheet
450Kb / 12P
Silicon NPN Phototransistor with V貫 Characteristics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com