Electronic Components Datasheet Search
  English  ▼

X  

SFH-2716 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH-2716
Description  Silicon PN Photodiode with V貫 Characteristics
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-2716 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH-2716 Datasheet HTML 1Page - OSRAM GmbH SFH-2716 Datasheet HTML 2Page - OSRAM GmbH SFH-2716 Datasheet HTML 3Page - OSRAM GmbH SFH-2716 Datasheet HTML 4Page - OSRAM GmbH SFH-2716 Datasheet HTML 5Page - OSRAM GmbH SFH-2716 Datasheet HTML 6Page - OSRAM GmbH SFH-2716 Datasheet HTML 7Page - OSRAM GmbH SFH-2716 Datasheet HTML 8Page - OSRAM GmbH SFH-2716 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2017-11-08
2
Version 1.1
SFH 2716
Maximum Ratings (TA = 25 °C)
Characteristics (T
A = 25 °C)
Parameter
Symbol
Values
Unit
Operating and storage temperature range
T
op; Tstg
-40 ... 100
°C
Reverse voltage
V
R
16
V
ESD withstand voltage
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
V
ESD
2000
V
Parameter
Symbol
Values
Unit
Photocurrent
(VCE = 5 V, white LED 1000 lx)
(typ (min))
IP
0.57 (≥0.4)
µA
Wavelength of max. sensitivity
(typ)
λS max
620
nm
Spectral range of sensitivity
(typ)
λ10%
(typ) 350
... 1000
nm
Radiant sensitive area
(typ)
A
0.35
mm2
Dimensions of radiant sensitive area
(typ)
L x W
0.59 x 0.59
mm x
mm
Half angle
(typ)
ϕ
± 60
°
Dark current
(VR = 5 V)
(typ (max)) IR
0.01 (≤ 5)
nA
Capacitance
(VR = 0 V, f = 1 MHz, E = 0)
(typ)
C0
23
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com