Electronic Components Datasheet Search
  English  ▼

X  

LTC2874 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2874
Description  Quad IO-Link Master Hot Swap Controller and PHY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2874 Datasheet(HTML) 3 Page - Linear Technology

  LTC2874 Datasheet HTML 1Page - Linear Technology LTC2874 Datasheet HTML 2Page - Linear Technology LTC2874 Datasheet HTML 3Page - Linear Technology LTC2874 Datasheet HTML 4Page - Linear Technology LTC2874 Datasheet HTML 5Page - Linear Technology LTC2874 Datasheet HTML 6Page - Linear Technology LTC2874 Datasheet HTML 7Page - Linear Technology LTC2874 Datasheet HTML 8Page - Linear Technology LTC2874 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
dc1880af
DEMO MANUAL DC1880A
Quick start proceDure
DC1880A is a 6-layer demonstration board. An LDO is
included to optionally derive the VL logic supply from
the VDD input supply. An LED lights up when the IRQ pin
signals interrupt requests.
1. Install, or update as needed, Linear Technology's
QuikEval™ evaluation software on the PC. See Using
the LTC2874 Software section for more information.
2. Connect the DC590 board to the PC with a standard
USB A/B cable.
3. Connect the DC1880A board to the DC590 board using
the14-conductorribboncablesuppliedwiththeDC590
board.
4. ChoosethesourcefortheVLlogicsupply—theDC590,
the LDO on the DC1880A, or either if both are set to
the same voltage:
a. SettheDC1880ALDOjumpers(JP11andJP12)and
DC590 VCCIO jumper (JP6) to one of the combina-
tions listed in Table 1. Default jumper positions set
both boards to 5V.
b. When using a Linduino™ One instead of a DC590
board, set the DC1880A LDO to 5V (JP11 = 5.0V)
or disable it (JP12 = OPEN).
5. Before connecting the input power supply to the
DC1880A board, verify the voltage is below 40V
(normally between 8V and 30V) and that the supply
is turned off.
6. Connect the power supply between VDD and GND on
the DC1880A board as shown in Figure 1.
7. Connect line interface cables (up to 20m long) to either
the screw-terminal blocks (J1-J4) or the IO-Link con-
nectors (J5-J8).
8. Turn on the 24V power supply and verify that the IRQ
LED on the DC1880A board is lit. (The LTC2874 is
signalling that one or more of its supplies had been
low.)
9. Launch the GUI software. Refer to the Using the
LTC2874 Software section for more information on
how to control the LTC2874 using the GUI.
10.Clear the IRQ condition by clearing any Supply Event
bits that are set. On the Events tab, simply click on any
lamps that are lit.
11.Refer to the Additional Information section and the
data sheet for operating details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com