Electronic Components Datasheet Search
  English  ▼

X  

LTC2936 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2936
Description  Supervise Six Power Supplies
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2936 Datasheet(HTML) 2 Page - Linear Technology

  LTC2936 Datasheet HTML 1Page - Linear Technology LTC2936 Datasheet HTML 2Page - Linear Technology LTC2936 Datasheet HTML 3Page - Linear Technology LTC2936 Datasheet HTML 4Page - Linear Technology LTC2936 Datasheet HTML 5Page - Linear Technology LTC2936 Datasheet HTML 6Page - Linear Technology LTC2936 Datasheet HTML 7Page - Linear Technology LTC2936 Datasheet HTML 8Page - Linear Technology LTC2936 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
dc1605bf
DEMO MANUAL DC1605B
performance summary Specifications are valid over the full operating temperature range.
Common Characteristics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Input Voltage Range
VPWR
3.4
13.9
V
VPWR = VDD33
3.2
3.4
V
V1 to V6 Threshold Accuracy
±1.0
%
V1 to V6 Monitoring Range
Precision Range
0.2
1.2
V
Low Range
0.5
3.0
V
Medium Range
1.0
5.8
V
Table 1. Default Thresholds and GPIO Mappings
V
n_THR_LO
V
n_THR_HI
GPIO1
GPIO2
GPIO3
CMP
Default Thresholds
OV
ALERT
UV
V1
3.2
3.4
Comp_Hi
Comp_Hi
Comp_Lo
Comp_Lo
V2
2.4V
2.6V
Comp_Hi
Comp_Hi
Comp_Lo
Comp_Lo
V3
1.7V
1.9V
Comp_Hi
Comp_Hi
Comp_Lo
Comp_Lo
V4
1.4V
1.6V
Comp_Hi
Comp_Hi
Comp_Lo
Comp_Lo
V5
1.1V
1.3V
Comp_Hi
Comp_Hi
Comp_Lo
Comp_Lo
V6
0.95V
1.05V
Comp_Hi
Comp_Hi
Comp_Lo
Comp_Lo
Table 2. Default GPI Settings
MANUAL RESET
MARGIN
UVDISABLE
AUX COMP
GPI1
ü
GPI2
ü
The following list contains terms used throughout the
document.
AUXC – Auxiliary Comparator. A GPI pin may be pro-
grammed to this function and map behavior to a GPIO
pin. Nominal VTH = 0.5V.
EEPROM – Non-volatile memory (NVM) storage used to
retain data after power is removed.
Margin – Term used typically in board level testing that
increases/decreases the output voltage to look for sensi-
tivity/marginality problems.
MARG – Ignore margining (OV and UV) when active (low).
A GPI pin may be programmed to this function and map
behavior to a GPIO pin. Nominal VTH = 1.0V.
Glossary of terms
MR – Manual Reset, Active Low. A GPI pin may be pro-
grammed to this function and map behavior to a GPIO pin,
and optionally clear the fault history. Nominal VTH = 1.0V.
NVM – Non-volatile memory, see EEPROM.
OV – Overvoltage, the result of a voltage comparison that
a pin voltage is above a programmable threshold voltage.
Rail–ThefinaloutputvoltagethattheLTC2936supervises.
Supervise – The act of quickly responding (compared to
a fault setting) to a voltage condition that is compared to
pre-programmed values.
UV – Undervoltage, the result of a voltage comparison that
a pin voltage is below a programmable threshold voltage.
UVDIS – UV Disable. Ignore UVs when the pin is low. A
GPI pin may be programmed to this function and map
behavior to a GPIO pin. Nominal VTH = 1.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com