Electronic Components Datasheet Search
  English  ▼

X  

LTC2955 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2955
Description  Pushbutton On/Off Controller with Automatic Turn-On
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2955 Datasheet(HTML) 2 Page - Linear Technology

  LTC2955 Datasheet HTML 1Page - Linear Technology LTC2955 Datasheet HTML 2Page - Linear Technology LTC2955 Datasheet HTML 3Page - Linear Technology LTC2955 Datasheet HTML 4Page - Linear Technology LTC2955 Datasheet HTML 5Page - Linear Technology LTC2955 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc1836af
DEMO MANUAL DC1836A
harDware setup
JumPEr SETTingS
Tmr PEriOD: Sets the amount of time the user has to
hold down the pushbutton in order to cause a shutdown
event. It can either be set to 32ms or 3 seconds.
On FunCTiOn: Connect to ON BLOCKED to block the ON
pin falling edge from activating system turn-off. Connect
to ON ACTIVE to allow both the ON pin rising and falling
edgestoactivatesystemturn-onandturn-off,respectively.
Vin/On: Connects or disconnects VIN from ON. Unless
external circuitry has been connected to ON, for ON to
function correctly, this should be set to ON.
KiLL: Ties or separates INT from KILL. Set to TIE for au-
tomatic shutdown when a long press on the pushbutton
is detected.
LDO_in: Chooses the input to the onboard LT3060 regula-
tor. The user can either set it to VIN to have it connected
to the VIN pin or EXTERNAL in order to have it driven by
the LDO_IN turret. See the Operating Principles section.
Only for LED/monitor circuitry.
EXTErnAL COnnECTiOnS
Signal connections are made via the row of turret posts
along the edges of the board.
gnD: (3 turrets) These turrets are connected directly to
the ground planes.
Vin: Connect a 1.6V to 36V power supply to this turret.
On:CanbelinkedtoVINthroughtheVIN/ONjumper,however,
canalsobeexternallyconnectedtoapowersource.Iscon-
nected directly to the ON pin of the LTC2955. If the ON
function jumper is set to active, this pin can be used to turn
on the EN pin, or turn off the EN pin, depending on if the
demoboardispopulatedwithanLTC2955-1orLTC2955-2.
PB: This pin is already driven by the pushbutton, however,
if needed it can be driven by an external signal to simulate
a pushbutton press.
LDO_in: Can be used to provide the LT3060 with power
when the LDO_IN jumper is set to external.
LDO_OuT: Output from the LT3060. The state of this can
also be monitored at D1.
DigiTAL COnnECTiOnS
En/EN: Active high (LTC2955-1), or active low (LTC2955-
2) signal. Should go active either on a valid ON signal or
with a debounced PB press.
INT: Goes low on a pushbutton press when EN/EN is
active. Can be tied to KILL to turn off the part.
KILL: A low signal at this input will disable EN/EN. The
TMR period jumper sets how long the input signal must
be held low.
PgD: Power good output from the LTC2955. This pin
indicates the status of the ON pin in order to let the sys-
tem differentiate between pushbutton turn-on and supply
button turn-on events.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com