Electronic Components Datasheet Search
  English  ▼

X  

SFH-3204 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH-3204
Description  Silicon NPN Phototransistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-3204 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH-3204 Datasheet HTML 1Page - OSRAM GmbH SFH-3204 Datasheet HTML 2Page - OSRAM GmbH SFH-3204 Datasheet HTML 3Page - OSRAM GmbH SFH-3204 Datasheet HTML 4Page - OSRAM GmbH SFH-3204 Datasheet HTML 5Page - OSRAM GmbH SFH-3204 Datasheet HTML 6Page - OSRAM GmbH SFH-3204 Datasheet HTML 7Page - OSRAM GmbH SFH-3204 Datasheet HTML 8Page - OSRAM GmbH SFH-3204 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2015-12-08
2
Version 1.3
SFH 3204
Maximum Ratings (TA = 25 °C)
Characteristics (T
A = 25 °C)
Parameter
Symbol
Values
Unit
Operating and storage temperature range
T
op; Tstg
-40 ... 100
°C
Collector-emitter voltage
V
CE
15
V
Collector-emitter voltage
(t < 2 min)
V
CE
30
V
Collector current
I
C
15
mA
Collector surge current
(τ < 10 µs)
ICS
75
mA
Emitter-collector voltage
VEC
7
V
ESD withstand voltage
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
VESD
2000
V
Parameter
Symbol
Values
Unit
Wavelength of max. sensitivity
(typ)
λ
S max
920
nm
Spectral range of sensitivity
(typ)
λ
10%
(typ) 450
... 1120
nm
Radiant sensitive area
(typ)
A
0.04
mm
2
Dimensions of chip area
(typ)
L x W
(typ) 0.38 x
0.38
mm x
mm
Half angle
(typ)
ϕ
± 60
°
Capacitance
(V
CE = 0 V, f = 1 MHz, E = 0)
(typ)
CCE
2.4
pF
Photocurrent
(λ = 950 nm, E
e = 0.1 mW/cm
2, V
CE = 5 V)
I
PCE
≥ 32
µA
Dark current
(VCE = 20 V, E = 0)
(typ (max)) ICE0
1 (≤ 50)
nA
Rise and fall time
(IC = 1 mA, VCC = 5 V, RL = 1 kΩ)
(typ)
tr, tf
7
µs
Collector-emitter saturation voltage
(I
C = 10 μA, Ee = 0.1 mW/cm
2)
(typ)
V
CEsat
140
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com