Electronic Components Datasheet Search
  English  ▼

X  

LTC3110 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3110
Description  2A, Bidirectional Buck-Boost DC/DC Regulator and Charger/Balancer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3110 Datasheet(HTML) 2 Page - Linear Technology

  LTC3110 Datasheet HTML 1Page - Linear Technology LTC3110 Datasheet HTML 2Page - Linear Technology LTC3110 Datasheet HTML 3Page - Linear Technology LTC3110 Datasheet HTML 4Page - Linear Technology LTC3110 Datasheet HTML 5Page - Linear Technology LTC3110 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc1964afa
DEMO MANUAL DC1964A
Quick start proceDure
Demonstration circuit 1964A is easy to set up to evaluate
the performance of the LTC3110 bidirectional regulator.
RefertoFigure1forpropermeasurementequipmentsetup
and follow the procedure below. 5V power supply should
be rated minimum 2A of output current.
NOTE: When measuring the input or output voltage ripple,
care must be taken to avoid a long ground lead on the
oscilloscope probe. Measure the input or output voltage
ripple by touching the probe tip directly across the VIN or
VOUT and GND terminals. See Figure 2 for proper scope
probe technique.
To verify the capability of DC1964A for charging superca-
pacitors, proceed with the following steps:
1. Place jumper MODE (JP4) to FIXED FREQ. position.
2. PlacejumperFBCAP(JP5)to5.0Vposition.Placejumper
PROG (JP3) to 0.5A position. Place switch DIR (SW1)
to AUTO position for automatic switch between charge
or backup modes of operation.
3. Place jumper FB (JP1) into 3.2V to set 3.2V voltage on
the load, when supercapacitor C3 discharges in backup
mode.
4. With power off, connect the input power supply to
VEXT, GND load to VSYS, GND as shown on Figure 1.
5. Turn the input power source on and slowly increase the
input voltage to 4.0V. Set the load to 0.2A. You have to
see voltage around 3.6V (diode forward voltage drop
lower compared to VEXT) on the VSYS terminal.
6. Place jumper RUN (JP2) in the ON position. Voltage on
VCAP terminal should rise above 4.8V. If there is no
output, temporarily disconnect the load to make sure
that the load is not set too high.
To verify the ability of DC1964 to work in backup mode,
proceed with the following:
7. Disconnect input power from VEXT (E2) terminal, be-
cause SW1 in AUTO position, supercapacitor C3 starts
discharging, however LTC3110 will maintain a voltage
of 3.3V on terminal VSYS (E2).
8. Repeat steps 1 to 7 for different charging currents and
VSYSvoltages.Whiledischarging,increaseloadcurrent
to 2.0A to verify high current capability and good load
regulation of LTC3110 controller.
9. Youcanmeasurevoltageregulationandrippleinbackup
mode on VSYS (E2) terminals.
10.Make sure that input voltage on VEXT and VSYS ter-
minals does not exceed 5.5V.
Figure 1. Proper Measurement Equipment Setup



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com