Electronic Components Datasheet Search
  English  ▼

X  

LTC3128 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3128
Description  High Efficiency 2-Cell Supercapacitor Charger and Balancer Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3128 Datasheet(HTML) 2 Page - Linear Technology

  LTC3128 Datasheet HTML 1Page - Linear Technology LTC3128 Datasheet HTML 2Page - Linear Technology LTC3128 Datasheet HTML 3Page - Linear Technology LTC3128 Datasheet HTML 4Page - Linear Technology LTC3128 Datasheet HTML 5Page - Linear Technology LTC3128 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc1887af
DEMO MANUAL DC1887A
Quick start proceDure
Demonstration circuit 1887 is easy to set up to evaluate
the performance of the LTC3128. For proper measure-
ment equipment setup refer to Figure 1 and follow the
procedure below:
NOTE: When measuring the input or output voltage
ripple, care must be taken to minimize the length of
oscilloscope probe ground lead. Measure the input
or output voltage ripple by connecting the probe tip
directly across the VIN or VOUT and GND terminals as
shown in Figure 2.
NOTE: Make sure that the input voltage VIN does not
exceed 5.5V.
4. Set the input voltage to 3.3V and check for the proper
output voltage of 4.2V. If there is no output, temporarily
disconnect the load to make sure that the load is not
set too high.
5. Oncetheproperoutputvoltageisestablished,adjustthe
load and observe the output voltage regulation, ripple
voltage, efficiency and other parameters.
6. Note that the output voltage VOUT will vary with load.
This is due to the current source nature of the LTC3128
power converter. As the output voltage increases the
output current will decrease in order to maintain the
input current below the preset limit.
The LTC3128 circuit maximizes the output current while
keeping the input current within the preset current limit.
Thiskeepsthesupercapacitorchargingtimetoaminimum.
CHANGING THE OUTPUT VOLTAGE
To change the output voltage from the programmed 4.2V,
change the voltage divider resistors connected to the
LTC3128 FB pin (see the schematic on page 5).
Figure 2. Measuring Input or Output Ripple
Figure 1. Proper Measurement Equipment Setup
+
–
VOUT
GND
COUT
1. With power off, connect the input power supply to VIN
and GND.
2. Keep the load set to 0A or disconnected.
3. Turn the input power source on and slowly increase the
input voltage. Be careful not to exceed 5.5V.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com