Electronic Components Datasheet Search
  English  ▼

X  

SFH-3310 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-3310
Description  Silicon NPN Phototransistor with V貫 Characteristics
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-3310 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-3310 Datasheet HTML 1Page - OSRAM GmbH SFH-3310 Datasheet HTML 2Page - OSRAM GmbH SFH-3310 Datasheet HTML 3Page - OSRAM GmbH SFH-3310 Datasheet HTML 4Page - OSRAM GmbH SFH-3310 Datasheet HTML 5Page - OSRAM GmbH SFH-3310 Datasheet HTML 6Page - OSRAM GmbH SFH-3310 Datasheet HTML 7Page - OSRAM GmbH SFH-3310 Datasheet HTML 8Page - OSRAM GmbH SFH-3310 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Version 1.3
SFH 3310
2016-01-04
3
Grouping (TA = 25 °C, λ = 560 nm)
Group
Min Photocurrent
Max Photocurrent Typ Photocurrent
Collector-emitter
saturation
voltage
E
e = 10 μW/cm
2,
VCE = 5 V
E
e = 10 μW/cm
2,
VCE = 5 V
E
V = 1000 lx, Std.
Light A, VCE = 5 V
I
C = IPCEmin x 0.3, Ee
= 10 μW/cm
2
IPCE, min [µA]
IPCE, max [µA]
IPCE [µA]
VCEsat [mV]
SFH 3310-2
2.5
5
290
100
SFH 3310-3
4
8
460
100
Note.:
IPCEmin is the min. photocurrent of the specified group
Relative Spectral Sensitivity 1) page 8
Srel = f(λ)
Photocurrent 1) page 8
IPCE = f(Ee), VCE = 5 V
rel
OHF00851
λ
S
400
0
500 600 700 800 900 nm 1100
10
20
30
40
50
60
70
80
%
100
λ
V
PCE
OHF00852
I
1
1
V
E
A
µ
lx
10
100
1000
10
100
1000



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com