Electronic Components Datasheet Search
  English  ▼

X  

SFH-3410 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-3410
Description  Silicon NPN Phototransistor with V貫 Characteristics
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-3410 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-3410 Datasheet HTML 1Page - OSRAM GmbH SFH-3410 Datasheet HTML 2Page - OSRAM GmbH SFH-3410 Datasheet HTML 3Page - OSRAM GmbH SFH-3410 Datasheet HTML 4Page - OSRAM GmbH SFH-3410 Datasheet HTML 5Page - OSRAM GmbH SFH-3410 Datasheet HTML 6Page - OSRAM GmbH SFH-3410 Datasheet HTML 7Page - OSRAM GmbH SFH-3410 Datasheet HTML 8Page - OSRAM GmbH SFH-3410 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Version 1.3
SFH 3410
2016-04-01
3
Grouping (TA = 25 °C)
Group
Min Photocurrent
Max Photocurrent
Collector-emitter
saturation voltage
E
V = 20 lx, Std. Light A,
V
CE = 5 V
E
V = 20 lx, Std. Light A,
V
CE = 5 V
I
C = IPCEmin x 0.3,
E
V = 20 lx
I
PCE, min [µA]
I
PCE, max [µA]
V
CEsat [mV]
SFH 3410-1
3.2
6.3
100
SFH 3410-2
5
10
100
SFH 3410-3
8
16
100
SFH 3410-4
12.5
25
100
Note.:
IPCEmin is the min. photocurrent of the specified group
Relative Spectral Sensitivity 1) page 12
Srel = f(λ)
Photocurrent 1) page 12
IPCE = f (EV), VCE = 5 V
rel
OHF00851
λ
S
400
0
500 600 700 800 900 nm 1100
10
20
30
40
50
60
70
80
%
100
λ
V
PCE
OHF00852
I
1
1
V
E
A
µ
lx
10
100
1000
10
100
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com