Electronic Components Datasheet Search
  English  ▼

X  

SFH-3711 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-3711
Description  Silicon NPN Phototransistor with V貫 Characteristics
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-3711 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-3711 Datasheet HTML 1Page - OSRAM GmbH SFH-3711 Datasheet HTML 2Page - OSRAM GmbH SFH-3711 Datasheet HTML 3Page - OSRAM GmbH SFH-3711 Datasheet HTML 4Page - OSRAM GmbH SFH-3711 Datasheet HTML 5Page - OSRAM GmbH SFH-3711 Datasheet HTML 6Page - OSRAM GmbH SFH-3711 Datasheet HTML 7Page - OSRAM GmbH SFH-3711 Datasheet HTML 8Page - OSRAM GmbH SFH-3711 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Version 1.3
SFH 3711
2018-04-26
3
Grouping
Group
Min Photocurrent
Max Photocurrent Typ Photocurrent
Collector-emitter
saturation
voltage
E
v = 1000 lx (white
LED), VCE = 5 V
E
v = 1000 lx (white
LED), VCE = 5 V
E
e = 10 µW/cm²,
λ = 560 nm,
VCE = 5 V
I
C = IPCEmin x 0.3, Ev
= 1000 lx, white
LED
IPCE, min [µA]
IPCE, max [µA]
IPCE [µA]
VCEsat [mV]
SFH 3711 - 1
16
32
1.1
130
SFH 3711 - 2
25
50
1.7
130
SFH 3711 - 3
40
80
2.7
130
Note.:
I
PCEmin is the min. photocurrent of the specified group
Relative Spectral Sensitivity 1) page 11
Srel = f(λ)
Photocurrent 1) page 11
IPCE = f (EV), VCE = 5 V, white LED
400
0
nm
%
OHF05530
20
40
60
80
100
λ
rel
S
10
30
50
70
500 600 700 800 900
1100
OHF05531
E
V
lx
PCE (1000 lx)
I
PCE
I
1
10
2
10
3
10
4
10
5
10
10
0
10
-1
10
-2
1
10
2
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com