Electronic Components Datasheet Search
  English  ▼

X  

SFH-3716 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-3716
Description  Silicon NPN Phototransistor with V貫 Characteristics
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-3716 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-3716 Datasheet HTML 1Page - OSRAM GmbH SFH-3716 Datasheet HTML 2Page - OSRAM GmbH SFH-3716 Datasheet HTML 3Page - OSRAM GmbH SFH-3716 Datasheet HTML 4Page - OSRAM GmbH SFH-3716 Datasheet HTML 5Page - OSRAM GmbH SFH-3716 Datasheet HTML 6Page - OSRAM GmbH SFH-3716 Datasheet HTML 7Page - OSRAM GmbH SFH-3716 Datasheet HTML 8Page - OSRAM GmbH SFH-3716 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2016-02-29
1
2016-02-29
Silicon NPN Phototransistor with V
λ Characteristics
Version 1.3
SFH 3716
Ordering Information
Features:
•
Spectral range of sensitivity:
(typ) 350 ... 950 nm
•
Special: Adapted to human eye sensitivity (V
λ)
•
Very small SMT package
•
SMT package 0805, colorless clear resin, 2 mm x 1.25 mm x 0.8 mm
Applications
•
For control and drive circuits
•
Ambient light detector
•
Exposure meter for daylight and artificial light
•
Sensor for backlight-dimming
Type:
Photocurrent
Ordering Code
I
PCE [µA]
VCE = 5 V, white LED 100 lx
SFH 3716
35 ... 64
Q65111A9149


Similar Part No. - SFH-3716

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-3710 OSRAM-SFH-3710 Datasheet
382Kb / 12P
Silicon NPN Phototransistor with V貫 Characteristics
SFH-3711 OSRAM-SFH-3711 Datasheet
450Kb / 12P
Silicon NPN Phototransistor with V貫 Characteristics
More results

Similar Description - SFH-3716

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH3310 OSRAM-SFH3310 Datasheet
208Kb / 6P
Silicon NPN Phototransistor with V貫 Characteristics
SFH3710 OSRAM-SFH3710 Datasheet
224Kb / 6P
NPN-Si-Fototransistor mit V貫 Charakteristik Silicon NPN Phototransistor with V貫 Characteristics Lead (Pb) Free Product - RoHS Compliant
SFH3711 OSRAM-SFH3711 Datasheet
268Kb / 9P
Silicon NPN Phototransistor with V貫 Characteristics
SFH3410R OSRAM-SFH3410R Datasheet
598Kb / 12P
Silicon NPN Phototransistor with V貫 Characteristics Version 1.3
SFH3716 OSRAM-SFH3716 Datasheet
374Kb / 12P
Silicon NPN Phototransistor with V貫 Characteristics Version 1.3
SFH-3310 OSRAM-SFH-3310 Datasheet
394Kb / 9P
Silicon NPN Phototransistor with V貫 Characteristics
SFH-3410 OSRAM-SFH-3410 Datasheet
603Kb / 13P
Silicon NPN Phototransistor with V貫 Characteristics
SFH-3410R OSRAM-SFH-3410R Datasheet
598Kb / 12P
Silicon NPN Phototransistor with V貫 Characteristics
SFH-3710 OSRAM-SFH-3710 Datasheet
382Kb / 12P
Silicon NPN Phototransistor with V貫 Characteristics
SFH-3711 OSRAM-SFH-3711 Datasheet
450Kb / 12P
Silicon NPN Phototransistor with V貫 Characteristics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com