Electronic Components Datasheet Search
  English  ▼

X  

GA600GD25S Datasheet(PDF) 7 Page - International Rectifier

Part # GA600GD25S
Description  SINGLE SWITCH IGBT DUAL INT-A-PAK
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GA600GD25S Datasheet(HTML) 7 Page - International Rectifier

Back Button GA600GD25S Datasheet HTML 2Page - International Rectifier GA600GD25S Datasheet HTML 3Page - International Rectifier GA600GD25S Datasheet HTML 4Page - International Rectifier GA600GD25S Datasheet HTML 5Page - International Rectifier GA600GD25S Datasheet HTML 6Page - International Rectifier GA600GD25S Datasheet HTML 7Page - International Rectifier GA600GD25S Datasheet HTML 8Page - International Rectifier GA600GD25S Datasheet HTML 9Page - International Rectifier GA600GD25S Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
GA600GD25S
www.irf.com
7
Fig. 15 - Typical Reverse Recovery vs. dif/dt
Fig. 16 - Typical Recovery Current vs. dif/dt
280
300
320
340
360
300
400
500
600
f
I = 1000A
I = 600A
I = 300A
di /dt - (A/µs)
F
F
F
R
J
J
V = 150V
T = 125°C
T = 25°C
40
60
80
100
120
300
400
500
600
f
di /dt - (A/µs)
I = 1000A
I = 600A
I = 300A
F
F
F
R
J
J
V = 150V
T = 125°C
T = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com