Electronic Components Datasheet Search
  English  ▼

X  

MMDT4124 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MMDT4124
Description  25V DUAL NPN SMALL SIGNAL TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMDT4124 Datasheet(HTML) 3 Page - Diodes Incorporated

  MMDT4124 Datasheet HTML 1Page - Diodes Incorporated MMDT4124 Datasheet HTML 2Page - Diodes Incorporated MMDT4124 Datasheet HTML 3Page - Diodes Incorporated MMDT4124 Datasheet HTML 4Page - Diodes Incorporated MMDT4124 Datasheet HTML 5Page - Diodes Incorporated MMDT4124 Datasheet HTML 6Page - Diodes Incorporated MMDT4124 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MMDT4124
Document number: DS30164 Rev. 12 - 2
3 of 7
www.diodes.com
August 2016
© Diodes Incorporated
MMDT4124
Thermal Characteristic and Derating Information
0
50
25
50
75
100
125
150
175
200
P
,
P
O
W
E
R
D
I
S
S
I
P
A
T
I
O
N
(
m
W
)
D
T , AMBIENT TEMPERATURE (°C)
Figure 1. Power Dissipation vs.
Ambient Temperature (Total Device)
A
100
150
200
0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com