Electronic Components Datasheet Search
  English  ▼

X  

LT3042 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3042
Description  PLL/VCO Supply and Reference Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3042 Datasheet(HTML) 3 Page - Linear Technology

  LT3042 Datasheet HTML 1Page - Linear Technology LT3042 Datasheet HTML 2Page - Linear Technology LT3042 Datasheet HTML 3Page - Linear Technology LT3042 Datasheet HTML 4Page - Linear Technology LT3042 Datasheet HTML 5Page - Linear Technology LT3042 Datasheet HTML 6Page - Linear Technology LT3042 Datasheet HTML 7Page - Linear Technology LT3042 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
dc2429af
DEMO MANUAL DC2429A
typical Dc2429a reQuirements anD characteristics
Table 1. DC2429A Assembly Options
PARAMETER
INPUT OR OUTPUT
PHYSICAL LOCATION
DETAILS
6V to 20V Power Supply
Input
J1 Wall Wart Connector or
J2 and J3 BNC Banana Jacks
6V to 20V input power supply voltage must be 350mV greater than
the higher of 6V or the desired variable, 200mA output voltage.
Up to 1.4A current consumption.
LEDs D1-D4 illuminate when power supplied.
To avoid coupling between input and output supplies it is best to
use shielded power supply cables.
3.3V, 800mA
Output
J4 and J5 BNC Banana Jacks Load shares 4 LT3042 to achieve 800mA output current capability.
See schematic.
5V, 200mA
Output
J8 and J9 BNC Banana Jacks
Variable, 200mA
Output
J10 and J11 BNC Banana
Jacks
JP5 selects output voltage
6V to 20V input power supply voltage must be 350mV greater than
the higher of 6V or the desired variable, 200mA output voltage.
Variable, 200mA
Output Voltage Selection
Input
JP5
Selects variable, 200mA supply output voltage
(Options: 2.5V, 3.3V, 5V, 8V, 10V, 12V, 15V).
REF+
Output
J7
Male SMA connector.
100MHz, 3.3V CMOS thru 100Ω series, AC coupled.
REF–
Output
J6 (not installed)
Default: not installed. Install if differential reference is desired.
3.3V Jumper
Input
JP1
Default: set to ON.
Connected to LT3042 EN/UV pin (U1, U4, U5 and U6).
3.3V_REF Jumper
Input
JP2
Default: set to ON.
Connected to LT3042 EN/UV pin (U2).
5V Jumper
Input
JP3
Default: set to ON.
Connected to LT3042 EN/UV pin (U3).
Variable Jumper
Input
JP4
Default: set to ON.
Connected to LT3042 EN/UV pin (U8).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com