Electronic Components Datasheet Search
  English  ▼

X  

LT3045EDD Datasheet(PDF) 2 Page - Linear Technology

Part # LT3045EDD
Description  20V, 500mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045EDD Datasheet(HTML) 2 Page - Linear Technology

  LT3045EDD Datasheet HTML 1Page - Linear Technology LT3045EDD Datasheet HTML 2Page - Linear Technology LT3045EDD Datasheet HTML 3Page - Linear Technology LT3045EDD Datasheet HTML 4Page - Linear Technology LT3045EDD Datasheet HTML 5Page - Linear Technology LT3045EDD Datasheet HTML 6Page - Linear Technology LT3045EDD Datasheet HTML 7Page - Linear Technology LT3045EDD Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
dc2491af
DEMO MANUAL DC2491A
QUICK START PROCEDURE
Figure 1. Test Procedure Setup Drawing for DC2491A
DC2491A is easy to set up to evaluate the performance of
theLT3045EDD.RefertoFigure1forpropermeasurement
equipment setup and follow the procedure below.
1. Connect load between VOUT and GND terminals.
2. With power off, connect the input power supply to the
VIN and GND terminals.
3. Make sure the shunt of JP1 is at ON option.
4. Turn the input power supply on and make sure the
voltage is between 3.8V and 20V.
5. Refer to Application Notes AN70 and AN159 for mea-
suring output noise and PSRR.
6. With JP1 at USER SELECT option, R6 and R7 can be
used to set an accurate undervoltage lockout (UVLO)
threshold.
*The maximum output current will be limited by internal current limit based on differential voltage of input and output voltage, please refer to the data sheet.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com