Electronic Components Datasheet Search
  English  ▼

X  

LT3089EDF Datasheet(PDF) 2 Page - Linear Technology

Part # LT3089EDF
Description  800mA Rugged Linear Regulator with Monitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3089EDF Datasheet(HTML) 2 Page - Linear Technology

  LT3089EDF Datasheet HTML 1Page - Linear Technology LT3089EDF Datasheet HTML 2Page - Linear Technology LT3089EDF Datasheet HTML 3Page - Linear Technology LT3089EDF Datasheet HTML 4Page - Linear Technology LT3089EDF Datasheet HTML 5Page - Linear Technology LT3089EDF Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc2318af
DEMO MANUAL DC2318A
QUICK START PROCEDURE
Demonstration circuit 2318A is easy to set up to evalu-
ate the performance of the LT3089. Refer to Figure 1 for
proper measurement equipment setup and follow the
procedure below:
NOTE: When measuring the input or output voltage ripple,
care must be taken to avoid a long ground lead on the
oscilloscope probe. Measure the input or output voltage
ripplebytouchingtheprobetipdirectlyacrosstheterminals
of the input or output capacitors. See Figure 2 for proper
scope probe technique
1. Use JP1 to set the desired output voltage
2. With power off, connect the input power supply to VIN
and GND.
3. Turn on the power at the VIN.
NOTE:MakesurethattheVINvoltagedoesnotexceed36V.
4. Check for the proper output voltages:
NOTE:Ifthereisnooutput,temporarilydisconnecttheload
to make sure that the load is not set too high or is shorted.
5. Once the proper output voltages are established, adjust
theloadswithintheoperatingrangeandobservetheout-
putvoltageregulation,efficiencyandotherparameters.
NOTE: Make sure that the power dissipation is limited
below the thermal limit.
Figure 1. Test Procedure Setup Drawing for DC2276A
Figure 2. Measuring Input or Output Ripple
–
+
–
+
VIN
IIN
POWER
SUPPLY
–
+
VOUT
–
+
LOAD
–
+
DC2318A F01
VOUT
GND



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com