Electronic Components Datasheet Search
  English  ▼

X  

LT3744 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3744
Description  High Current Synchronous Step-Down LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3744 Datasheet(HTML) 2 Page - Linear Technology

  LT3744 Datasheet HTML 1Page - Linear Technology LT3744 Datasheet HTML 2Page - Linear Technology LT3744 Datasheet HTML 3Page - Linear Technology LT3744 Datasheet HTML 4Page - Linear Technology LT3744 Datasheet HTML 5Page - Linear Technology LT3744 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc2339af
DEMO MANUAL DC2339A
Quick start proceDure
Demonstration circuit 2339A is easy to set up to evalu-
ate the performance of the LT3744. Refer to Figure 2 for
proper measurement equipment setup and follow the
procedure below:
1. With power off, connect the input power supply to PVIN
and GND. Note: make sure PVIN is below 36V. Con-
nect a DC supply or a PWM signal to PWM1, PWM2
and/or PWM3.
2. With power off, connect the LED load to VLED+ and
proper LED1–, LED2–, LED3– according to the setting
of the PWM pins.
3. Turn on the power at the input. Turn on PWM1, PWM2
and/or PWM3.
4. Carefully evaluate other design parameters as needed.
performance summary Specifications are at T
A = 25°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PVIN
Input Supply Voltage
VLED+ = 5V
5.5
36
V
VLED+
Maximum Output Voltage
6.05
V
IOUT
Output Current
CTRL1, CTRL2, CTRL3 = 1.5V
19
20
21
A
fSW
Switching Frequency
380
425
470
kHz
EFF
Efficiency at DC
VIN = 12V, IOUT = 20A, VOUT = 5V
93.5
%
Figure 1. DC2339A Current Rise Time. VIN = 12V, LED Voltage = 4.2V when ON. Total LED Current = 20A
2.00µs/DIV
PWM
2V/DIV
PWM
(YELLOW)
2V/DIV
LED CURRENT
(GREEN)
6.67A/DIV
Description



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com