Electronic Components Datasheet Search
  English  ▼

X  

MP8060 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8060
Description  16V, 3.5A Quad Channel Power Half-Bridge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8060 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8060 Datasheet HTML 1Page - Monolithic Power Systems MP8060 Datasheet HTML 2Page - Monolithic Power Systems MP8060 Datasheet HTML 3Page - Monolithic Power Systems MP8060 Datasheet HTML 4Page - Monolithic Power Systems MP8060 Datasheet HTML 5Page - Monolithic Power Systems MP8060 Datasheet HTML 6Page - Monolithic Power Systems MP8060 Datasheet HTML 7Page - Monolithic Power Systems MP8060 Datasheet HTML 8Page - Monolithic Power Systems MP8060 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP8060
16V, 3.5A Quad Channel Power Half-Bridge
M8060 Rev. 0.9
www.MonolithicPower.com
1
5/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8060 is a configurable dual channel full-
bridge or quad channel half-bridge used as the
output stage of a Class-D audio amplifier. Each
full-bridge can be driven independently as
stereo single ended audio amplifiers or driven
complementary in a bridge tied load (BTL)
audio amplifier configuration.
The MP8060 features a low current shutdown
mode, standby mode, input under voltage
protection, thermal shutdown and fault flag
signal output. All channels of drivers interface
with standard logic signals.
The MP8060 is available in a 32 lead QFN 5X5
package.
FEATURES
• 3.5A Peak Current Output
• Up to 600KHz Switching Frequency
• Integrated Power 0.4Ω Switches
• 30ns Switch Dead Time
• All Switches have Over-Current Protection
• Internal Under Voltage Protection
• Internal Thermal Protection
• 2.6mA Operating Current
• Fault Output Flag
• Single Ended: 4W/Channel at 16V, 8Ω Load
• Bridge Tied Load Output Power:
16W/Channel at 16V, 8Ω Load
APPLICATIONS
• Class D Audio Drivers
• Motor Drivers
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VDD
VDD
PWM1A
PWM2A
STBY
PWM2B
PWM1B
FAULT
SHDN
C1
1000uF
C13
1000uF
C14
1uF
C15
0.1uF
C2
1uF
C3
0.1uF
C6
0.1uF
D2
10uH
10uH
10uH
10uH
L1
L2
L3
L4
C8
0.1uF
D4
C9
0.1uF
C4
0.47uF
C7
0.47uF
C11
0.47uF
C16
0.47uF
D6
D8
C5
1uF
C12
1uF
OUT1A
OUT1B
OUT2A
OUT2B
CN1
CN2
C10
0.1uF
PWM2A
STBYB
PWM2B
PWM1A
PWM1B
FAULTB
SHDNB
AGND
BST2A
BST1B
VDR1
VDR2
N/C
PGND1B
PGND2A
AGND
MP8060


Similar Part No. - MP8060

ManufacturerPart #DatasheetDescription
logo
Dc Components
MP806 DCCOM-MP806 Datasheet
285Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
logo
GOOD-ARK Electronics
MP806 GOOD-ARK-MP806 Datasheet
97Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
MP806 CHENG-YI-MP806 Datasheet
125Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Formosa MS
MP806 FORMOSA-MP806 Datasheet
112Kb / 6P
Bridge Rectifier
logo
GOOD-ARK Electronics
MP806G GOOD-ARK-MP806G Datasheet
92Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - MP8060

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA500 STMICROELECTRONICS-STA500 Datasheet
201Kb / 10P
30V 3.5A QUAD POWER HALF BRIDGE
Jul-2003
STA505 STMICROELECTRONICS-STA505 Datasheet
180Kb / 9P
40V 3.5A QUAD POWER HALF BRIDGE
Jul-2003
STA501 STMICROELECTRONICS-STA501 Datasheet
95Kb / 8P
40V 3.5A DOUBLE POWER HALF BRIDGE
Dec-2003
STA518 STMICROELECTRONICS-STA518 Datasheet
349Kb / 19P
40V 3.5A quad power half bridge
18-May-2006
STA500 STMICROELECTRONICS-STA500_06 Datasheet
245Kb / 11P
30V 3.5A QUAD POWER HALF BRIDGE
Jan-2006
STA505 STMICROELECTRONICS-STA505_06 Datasheet
176Kb / 10P
40V 3.5A QUAD POWER HALF BRIDGE
Feb-2006
logo
Monolithic Power System...
MP8049S MPS-MP8049S Datasheet
603Kb / 12P
24V, 5.5A Quad Channel Power Half-Bridge
logo
STMicroelectronics
STA501A STMICROELECTRONICS-STA501A Datasheet
111Kb / 9P
45V 3.5A DOUBLE POWER HALF BRIDGE
Rev. 1
logo
Monolithic Power System...
MP8048 MPS-MP8048 Datasheet
302Kb / 10P
22V, 4A Quad Channel Power Half-Bridge
logo
STMicroelectronics
STA518A STMICROELECTRONICS-STA518A Datasheet
651Kb / 14P
45V 3.5A QUAD POWER HALF BRIDGE
REV. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com