Electronic Components Datasheet Search
  English  ▼

X  

LT6658 Datasheet(PDF) 3 Page - Linear Technology

Part # LT6658
Description  Precision Dual Output, High Current, Low Noise, Voltage Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6658 Datasheet(HTML) 3 Page - Linear Technology

  LT6658 Datasheet HTML 1Page - Linear Technology LT6658 Datasheet HTML 2Page - Linear Technology LT6658 Datasheet HTML 3Page - Linear Technology LT6658 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
dc2432af
DEMO MANUAL DC2432A
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
JP3: OD Output Disable:
1. ENA: Enables the outputs
2. DIS/EXT: Disables the outputs or allows the OD pin to
be driven externally.
JP4: Noise Reduction Select:
1. LF: 10μF
2. NF: Optional cap
3. HF: 0.1μF
JP5: OUT1 Select:
1. Fixed: OUT1 sense line is shorted to OUT1 Force and
the output is fixed.
2. ADJ: OUT1 sense line is separated from OUT1 Force
allowing for resistors R1 and R2 to be installed and
programming the OUT1 voltage to a different value.
JP6: OUT2 Select:
1. Fixed: OUT2 sense line is shorted to OUT2 Force and
the output is fixed.
2. ADJ: OUT2 sense line is separated from OUT2 Force
allowing for resistors R4 and R5 to be installed and
programming the OUT2 voltage to a different value.
QUICK START PROCEDURE
OPTIONAL SETTINGS
1. Programming the Output Voltage
By separating the VOUT_S line from the VOUT_F and
using 2 resistors to create a divider in the feedback of
the output amplifier, the reference output can be pro-
grammed from 2.5V to 6V. The output voltage range
is limited on the high side due to internal ESD clamps
that protect the pins when the voltage goes above 6V.
The output voltage can be set using the equation:
VOUT = VREF • (R1 + R2)/R2 with VREF = 2.5V
The resistors will affect the temperature drift and
accuracy of the LT6658 output, so care should be
given when choosing resistors. It is crucial that the
resistor ratio stay consistent over temperature to
guarantee the best reference performance.
2. Setting the Noise Reduction
Thenoisereductionpincanbeusedtofilterthereference
output. The demo board comes with two pre-installed
capacitors that can be selected with the NR jumper. The
effects of the different capacitors are shown in Figure 2.
Figure 2
CNR = 0µF
CNR = 1µF
CNR = 10µF
FREQUENCY (kHz)
0.01
0.1
1
10
100
1000
0
50
100
150
200
250
dc2432a F02



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com