Electronic Components Datasheet Search
  English  ▼

X  

LT8301 Datasheet(PDF) 1 Page - Linear Technology

Part # LT8301
Description  42VIN Micropower Isolated Flyback Converter with 65V/1.2A Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8301 Datasheet(HTML) 1 Page - Linear Technology

  LT8301 Datasheet HTML 1Page - Linear Technology LT8301 Datasheet HTML 2Page - Linear Technology LT8301 Datasheet HTML 3Page - Linear Technology LT8301 Datasheet HTML 4Page - Linear Technology LT8301 Datasheet HTML 5Page - Linear Technology LT8301 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
dc2138bfa
DEMO MANUAL DC2138B
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
10
24
32
V
Standby Current
IOUT = 0mA, VIN = 24V, VOUT = 5V
950
µA
Output Voltage
VIN = 12V to 32V, IOUT = 6mA to 700mA
4.75
5
5.25
V
Maximum Output Current
VIN = 12V
VIN = 24V
700
1000
mA
mA
Output Voltage Ripple (Peak to Peak)
VIN = 24V, IOUT = 1A
90
mV
Switching Frequency
VIN = 24V, IOUT = 1A
190
kHz
Efficiency
VIN = 24V, IOUT = 1A
83.2
%
DESCRIPTION
LT8301
42VIN Micropower Isolated Flyback
Converter with 65V/1.2A Switch
Demonstration circuit 2138B is an isolated flyback con-
verter featuring the LT®8301. This demo circuit outputs
5V from a 10V to 32V input, with a nominal of 24V. The
output current capability increases with the input voltage.
The standby input current of the demo circuit is less than
950µA (typical) at VIN = 24V.
The Performance Summary table summarizes the perfor-
mance of the demo board at room temperature. The demo
circuitcanbeeasilymodifiedfordifferentapplicationswith
some pre-designed transformers.
The DC2138B needs a very small minimum load (~6mA)
to regulate the output voltage, thanks to the accurate
current limit capability and ultralow switching frequency
of LT8301 at very light load. On the board, a Zener diode
is placed on the output to clamp the voltage to ~5V. This
Zener is optional, and can be replaced with a 0.8k resistor.
The LT8301 is a simple-to-use monolithic isolated flyback
converter. No third winding or opto-isolator is required for
L
, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
and ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
PERFORMANCE SUMMARY
regulation. The part sets the isolated output voltage with a
single external resistor and integrates loop compensation
and soft-start circuitry inside the IC. Boundary mode op-
eration provides a small magnetic solution with improved
load regulation. Low-ripple Burst Mode® operation main-
tains high efficiency at light loads while minimizing the
output voltage ripple. A 1.2A, 65V DMOS power switch is
integrated along with all high-voltage circuitry and control
logic into a 5-lead ThinSOT™ package.
The LT8301 data sheet gives a complete description of
the part, operation and application information. The data
sheet must be read in conjunction with this quick start
guide for demo circuit 2138B.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2138B
Specifications are at TA = 25°C


Similar Part No. - LT8301

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8301 LINER-LT8301 Datasheet
896Kb / 20P
2.8VIN to 40VIN Isolated 關Module DC/DC Converter
LT8301 LINER-LT8301 Datasheet
889Kb / 20P
2.8VIN to 40VIN Isolated 關Module DC/DC Converter with LDO Post Regulator
logo
Analog Devices
LT8301 AD-LT8301 Datasheet
1Mb / 24P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
05/20-REV.B
LT8301 AD-LT8301 Datasheet
1Mb / 26P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
04/20-REV.G
LT8301 AD-LT8301 Datasheet
1Mb / 20P
Industrial SPoE PD Controller
Rev. 0
More results

Similar Description - LT8301

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8300 LINER-LT8300 Datasheet
313Kb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LT8300 LINER-LT8300_15 Datasheet
313Kb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LT8301 LINER-LT8301_15 Datasheet
269Kb / 24P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
LT8302 LINER-LT8302_15 Datasheet
420Kb / 26P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
LT8303 LINER-LT8303 Datasheet
1Mb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/450mA Switch
LT8304 LINER-LT8304 Datasheet
343Kb / 6P
Micropower No-Opto Isolated Flyback Converter with 150V/2A Switch
logo
Analog Devices
LT8300 AD-LT8300 Datasheet
1Mb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
06/19-REV.A
LT8301 AD-LT8301 Datasheet
1Mb / 24P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
05/20-REV.B
LT8302 AD-LT8302 Datasheet
1Mb / 26P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
04/20-REV.G
ADPL54203 AD-ADPL54203 Datasheet
925Kb / 34P
40VIN Micropower No-Opto Isolated Flyback Converter with 60V/3.4A Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com