Electronic Components Datasheet Search
  English  ▼

X  

LT8304 Datasheet(PDF) 3 Page - Linear Technology

Part # LT8304
Description  Micropower No-Opto Isolated Flyback Converter with 150V/2A Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8304 Datasheet(HTML) 3 Page - Linear Technology

  LT8304 Datasheet HTML 1Page - Linear Technology LT8304 Datasheet HTML 2Page - Linear Technology LT8304 Datasheet HTML 3Page - Linear Technology LT8304 Datasheet HTML 4Page - Linear Technology LT8304 Datasheet HTML 5Page - Linear Technology LT8304 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
dc2393af
DEMO MANUAL DC2393A
Figure 2. Proper Scope Probe Placement for Measuring Input or Output Ripple
Figure 3. Typical Efficiency and Regulation Curves
Figure 4. Load Transient Responses (VIN = 48V, Load Transient Between 1A and 3.5A)
INPUT OR OUTPUT CAPACITOR
LOAD CURRENT (A)
dc2393a F03a
0
1
2
3
4
5
55
65
75
85
95
VIN = 18V
VIN = 24V
VIN = 48V
VIN = 72V
LOAD CURRENT (A)
dc2393a F03b
0
1
2
3
4
5
4.90
5.00
5.10
5.20
5.30
VIN = 18V
VIN = 24V
VIN = 48V
VIN = 72V
QUICK START PROCEDURE
5VOUT Efficiency vs Load Current
5VOUT Load and Line Regulation
4ms/DIV
IOUT
2A/DIV
VOUT
200mV/DIV
dc2393a F04



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com