Electronic Components Datasheet Search
  English  ▼

X  

LT8315 Datasheet(PDF) 3 Page - Linear Technology

Part # LT8315
Description  Offline Isolated Flyback Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8315 Datasheet(HTML) 3 Page - Linear Technology

  LT8315 Datasheet HTML 1Page - Linear Technology LT8315 Datasheet HTML 2Page - Linear Technology LT8315 Datasheet HTML 3Page - Linear Technology LT8315 Datasheet HTML 4Page - Linear Technology LT8315 Datasheet HTML 5Page - Linear Technology LT8315 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
dc2337af
DEMO MANUAL DC2337A
Quick start proceDure
Figure 2. Efficiency vs Load Current
Figure 4. 120VAC Steady State Switch Node Voltage at Full Load Condition
Figure 3. Load and Line Regulation
Figure 5. 220VAC Steady State Switch Node Voltage at Full Load Condition
90VAC
120VAC
220VAC
265VAC
LOAD CURRENT (mA)
0
100
200
300
400
500
600
50
55
60
65
70
75
80
85
90
DC2337a F02
90VAC
120VAC
220VAC
265VAC
LOAD CURRENT (mA)
0
100
200
300
400
500
600
11.8
11.9
12.0
12.1
12.2
DC2337a F03
5µs/DIV
DC2337a F04
VSW
100V/DIV
5µs/DIV
DC2337a F05
VSW
100V/DIV



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com