Electronic Components Datasheet Search
  English  ▼

X  

LT8490 Datasheet(PDF) 5 Page - Linear Technology

Part # LT8490
Description  High Efficiency MPPT Battery Charger Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8490 Datasheet(HTML) 5 Page - Linear Technology

  LT8490 Datasheet HTML 1Page - Linear Technology LT8490 Datasheet HTML 2Page - Linear Technology LT8490 Datasheet HTML 3Page - Linear Technology LT8490 Datasheet HTML 4Page - Linear Technology LT8490 Datasheet HTML 5Page - Linear Technology LT8490 Datasheet HTML 6Page - Linear Technology LT8490 Datasheet HTML 7Page - Linear Technology LT8490 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
dc2069afb
DEMO MANUAL DC2069A
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
42
1
R62
RES., CHIP, 3.3Ω, 0.1W, 5%, 0603
PANASONIC, ERJ-3GEYJ3R3V
43
1
R63
RES., CHIP, 1.10k, 0.1W, 1%, 0603
VISHAY, CRCW06031K10FKEA
44
1
R64
RES., CHIP, 3.01k, 0.1W, 1%, 0603
PANASONIC, ERJ-3EKF3011V
45
1
R65
RES., CHIP, 30.1k, 0.1W, 1%, 0603
VISHAY, CRCW060330K1FKEA
46
2
R67, R71
RES., CHIP, 53.6k, 0.1W, 1%, 0603
VISHAY, CRCW060353K6FKEA
47
1
U1
IC., BATTERY CHARGE CONTROLLER, 64-QFN
LINEAR TECH., LT8490EUKJ#PBF
48
1
FAB, PRINTED CIRCUIT BOARDS
DEMO CIRCUIT 2069A
49
1
STENCIL (TOP AND BOTTOM IMAGES)
STENCIL DC2069A
Optional Components
50
1
C74
CAP., X7R, 0.1µF, 16V, 10%, 0603
AVX, 0603YC104KAT2A
51
1
C76
CAP., X7R, 2.2uF, 100V, 10%, 1206
AVX, 12061C225KAT2A
52
1
C77
CAP., X7R, 0.01µF, 16V, 10%, 0603
AVX, 0603YC103KAT2A
53
1
D10
LED, GREEN, 0603
ROHM, SML-512PW (A)
54
1
D12
LED, RED, 0603
ROHM, SML-512UW
55
1
D14
DIODE, TVS UNI-DIR 70V 400W SMA
DIODES INC., SMAT70A-13-F
56
1
D15
DIODE, TVS UNI-DIR 24V 400W SMA
DIODES INC., SMAJ24A-13-F
57
1
D16
DIODE, ZENER 12V 150MW SOD523
DIODES INC., DDZ9699T-7
58
3
D19, D20, D21
DIODE, BAV99 SOT23
DIODES INC., BAV99-7-F
59
1
F1
FUSE
LITTELFUSE, 142.6185.5306
60
1
F1
FUSE HOLDER
LITTELFUSE, 178.4265.0002
61
3
JP1, JP3, JP4
4 PIN 0.100 SINGLE ROW HEADER
SAMTEC, TSW-104-07-L-S
62
2
XJP1, XJP4
SHUNT, 0.1" CENTER
SAMTEC, SNT-100-BK-G
63
3
J1, J2, J3
HOUSING, +PIN, RED
ANDERSON POWER, 1327
64
3
J1, J2, J3
HOUSING, –PIN, BLACK
ANDERSON POWER, 1327G6
65
3
J1, J2, J3
STAPLES FOR PCB ASSY.
ANDERSON POWER, 114555P2
66
6
J1, J2, J3
RIGHT ANGLE PCB CONTACTS
ANDERSON POWER, 1377G12
67
1
J4
MODULAR JACK
TE CONNECTIVITY, 5555165-1
68
1
L2
IND, 0Ω 0603
VISHAY, CRCW06030000Z0ED
69
1
M5
MOSFET, N-CHANNEL, 100V POWER 56
FAIRCHILD, FDMS86101
70
0
M1-1, M2-1, M3-1, M4-1
(OPT)
MOSFET, N-CHANNEL
71
3
Q4, Q13, Q14
NPN TRANSISTOR, SOT23
DIODES INC., MMBT3904-7-F
72
1
Q6
P-CH MOSFET, 50V, SOT23
DIODES, BSS84-7-F
73
1
R26
RES., CHIP, 10Ω, 0.1W, 1%, 0603
VISHAY, CRCW060310R0FKEA
74
1
R6
RES., CHIP, 3.32k, 0.1W, 1%, 0603
VISHAY, CRCW06033K32FKEA
75
1
R12
RES., CHIP, 1.3k, 0.1W, 1%, 0603
VISHAY, CRCW06031K30FKEA
76
2
R46, R94
RES., CHIP, 10k, 0.1W, 1%, 0603
VISHAY, CRCW060310K0FKEA
77
2
R17, R19
RES., CHIP, 100Ω, 1W, 1%, 2512
PANASONIC, ERJ-1TNF1000U
78
1
R21
RES., CHIP, 10Ω, 1/8W, 1%, 0805
PANASONIC, ERJ-6ENF10R0V
79
6
R22, R60, R66, R69, R100,
R101
RES., CHIP, 0Ω, 0.1W, 0603
VISHAY, CRCW06030000Z0ED
80
1
R84
RES., CHIP, 215k, 0.1W, 1%, 0603
VISHAY, CRCW0603215KFKEA
parts List



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com