Electronic Components Datasheet Search
  English  ▼

X  

HT46R24 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT46R24
Description  A/D Type 8-Bit MCU
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R24 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT46R24 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R24 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R24 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R24 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R24 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R24 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R24 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R24 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R24 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
Pin Name
I/O
Options
Description
PC0~PC4
(28-pin package only)
I/O
Pull-high
Bidirectional 8-bit input/output port. Software instructions determine the
CMOS output, Schmitt trigger input with or without pull-high resistor (deter-
mine by pull-high option: byte option).
PC0~PC7
(48-pin package only)
PD0/PWM0
PD1/PWM1/TMR1
(28-pin package only)
I/O
Pull-high
PWM
Bidirectional 8-bit input/output port. Software instructions determine the
CMOS output, Schmitt trigger input with or without a pull-high resistor.
The PWM0 output function is pin-shared with PD0.
The PWM1 output function is pin-shared with PD1 and TMR1.
(determined by pull-high option: byte option)
PD0/PWM0
PD1/PWM1
PD2/PWM2
PD3/PWM3
PD4~PD7
(48-pin package only)
I/O
Pull-high
PWM
Bidirectional 8-bit input/output port. Software instructions determine the
CMOS output, Schmitt trigger input with or without a pull-high resistor (de-
termined by pull-high option: byte option). The PWM0/PWM1/PWM2/
PWM3 output function are pin-shared with PD0/PD1/PD2/PD3 (depending
on the PWM options).
PF0~PF7
(48-pin package only)
I/O
Pull-high
Bidirectional 8-bit input/output port. Software instructions determine the
CMOS output, Schmitt trigger input with or without pull-high resistor (deter-
mine by pull-high option: byte option).
TMR0
I
¾
Timer/Event Counter 0 Schmitt trigger input (without pull-high resistor)
TMR1
(48-pin package only)
I
¾
Timer/Event Counter 1 Schmitt trigger input (without pull-high resistor).
RES
I
¾
Schmitt trigger reset input, active low
VSS
¾¾
Negative power supply, ground
VDD
¾¾
Positive power supply
OSC1
OSC2
I
O
Crystal
or RC
OSC1 and OSC2 are connected to an RC network or a crystal (by options)
for the internal system clock. In the case of RC operation, OSC2 is the
output terminal for 1/4 system clock.
TEST1~3
I
¾
Test mode input pin it disconnects in normal operation.
NC
¾¾
No connection
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=4MHz
2.2
¾
5.5
V
fSYS=8MHz
3.3
¾
5.5
V
IDD1
Operating Current (Crystal OSC)
3V
No load, fSYS=4MHz
ADC disable
¾
0.6
1.5
mA
5V
¾
24
mA
IDD2
Operating Current (RC OSC)
3V
No load, fSYS=4MHz
ADC disable
¾
0.8
1.5
mA
5V
¾
2.5
4
mA
HT46R24/HT46C24
Rev. 1.50
4
May 3, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com