Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 1 Page - Linear Technology

Part # LT8640
Description  42V, 5A Micropower Synchronous Step-Down Silent Switcher
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8640 Datasheet(HTML) 1 Page - Linear Technology

  LT8640 Datasheet HTML 1Page - Linear Technology LT8640 Datasheet HTML 2Page - Linear Technology LT8640 Datasheet HTML 3Page - Linear Technology LT8640 Datasheet HTML 4Page - Linear Technology LT8640 Datasheet HTML 5Page - Linear Technology LT8640 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
dc2202af
DEMO MANUAL DC2202A
Description
LT8640
42V, 5A Micropower Synchronous
Step-Down Silent Switcher
Demonstration circuit 2202A is a 42V, 5A micropower
synchronous step-down Silent Switcher® with spread
spectrum frequency modulation featuring the LT®8640.
The demo board is designed for 5V output from a 5.7V
to 42V input. The wide input range allows a variety of
input sources, such as automotive batteries and industrial
supplies. The LT8640 is a compact, ultralow emission,
high efficiency, and high speed synchronous monolithic
step-down switching regulator. The integrated power
switches and inclusion of all necessary circuitry reduce
the components count and solution size. Special Silent
Switcher architecture minimizes EMI/EMC emissions.
Selectable spread spectrum mode can further improve
EMI/EMC performance. Ultralow 2.5μA quiescent current
in Burst Mode® operation achieves high efficiency at very
light loads. Fast minimum on-time of 40ns enables high
VIN to low VOUT conversion at high frequency.
TheLT8640switchingfrequencycanbeprogrammedeither
via oscillator resistor or external clock over a 200kHz to
3MHzrange.TheSYNCpinonthedemoboardisgrounded
(JP1 at BURST position) by default for low ripple Burst
Modeoperation.Tosynchronizetoanexternalclock,move
JP1 to SYNC and apply the external clock to the SYNC tur-
ret. Spread spectrum mode and pulse-skipping mode can
be selected respectively by moving JP1 shunt. Figure 1
shows the efficiency of the circuit at 12V and 24V input in
Burst Mode operation (input from VIN turret pin). Figure 2
L
, LT, LTC, LTM, Linear Technology, the Linear logo, Burst Mode and Silent Switcher are
registered trademarks of Linear Technology Corporation. All other trademarks are the property
of their respective owners.
performance summary
shows the LT8640 temperature rising on DC2202A demo
boardunderdifferentloadconditions.Theratedmaximum
load current is 5A, while derating is necessary for certain
input voltage and thermal conditions.
The demo board has an EMI filter installed. The EMI
performance of the board (with EMI filter) is shown on
Figure 3. The red line in Figure 3 is CISPR25 Class 5 peak
limit. The figure shows that the circuit passes the test
with a wide margin. To achieve EMI/EMC performance
as shown in Figure 3, the input EMI filter is required and
the input voltage should be applied at VEMI turret pin. An
inductor L2, which is a 0Ω jumper on the board by default
now, can be added in the EMI filter to further reduce the
conducted emission.
The LT8640 data sheet gives a complete description of
the part, operation and application information. The data
sheet must be read in conjunction with this demo manual
for demo circuit 2202A. The LT8640 is assembled in a
3mm × 4mm plastic QFN package with exposed pads for
low thermal resistance. Proper board layout is essential
for both low EMI operation and maximum thermal perfor-
mance. See the data sheet sections Low EMI PCB Layout
and Thermal Considerations and Peak Output Current.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2202A
Specifications are at TA = 25°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Supply Range
5.7
42
V
VOUT
Output Voltage
4.85
5
5.15
V
IOUT
Maximum Output Current
Derating Is Necessary for Certain VIN and
Thermal Conditions
5
A
fSW
Switching Frequency
1.85
2
2.15
MHz
EFE
Efficiency at DC
VIN = 12V , IOUT = 3A
93.7
%


Similar Part No. - LT8640

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8640 LINER-LT8640 Datasheet
1Mb / 38P
42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
LT8640 LINER-LT8640 Datasheet
1Mb / 26P
60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
logo
Analog Devices
LT8640 AD-LT8640 Datasheet
2Mb / 20P
High Efficiency 42V/120mA Synchronous Buck
LT8640 AD-LT8640 Datasheet
2Mb / 32P
42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
12/20-REV.C
LT8640 AD-LT8640 Datasheet
2Mb / 28P
42V, 10A/12A Peak Synchronous Step-Down Silent Switcher 2
More results

Similar Description - LT8640

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8614 LINER-LT8614_15 Datasheet
511Kb / 24P
42V, 4A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8640 LINER-LT8640_15 Datasheet
751Kb / 26P
42V, 5A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8614 LINER-LT8614 Datasheet
252Kb / 6P
42V, 4A Micropower Synchronous Step-Down Silent Switcher
LT8640S LINER-LT8640S Datasheet
569Kb / 8P
42V, 6A Micropower Synchronous Step-Down Silent Switcher 2
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LT8650S-1 AD-LT8650S-1 Datasheet
1Mb / 32P
Dual Channel 4A, 42V, Synchronous Step-Down Silent Switcher
LT8636 AD-LT8636 Datasheet
2Mb / 32P
42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
12/20-REV.C
LT8638S AD-LT8638S Datasheet
2Mb / 28P
42V, 10A/12A Peak Synchronous Step-Down Silent Switcher 2
LT8640A AD-LT8640A Datasheet
1Mb / 28P
42V, 5A/8A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
Rev. 0
LT8638-2 AD-LT8638-2 Datasheet
984Kb / 35P
42V, 10A/12A Peak Synchronous Step-Down Silent Switcher
Rev.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com