Electronic Components Datasheet Search
  English  ▼

X  

LT8640S Datasheet(PDF) 2 Page - Linear Technology

Part # LT8640S
Description  42V, 6A Micropower Synchronous Step-Down Silent Switcher 2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8640S Datasheet(HTML) 2 Page - Linear Technology

  LT8640S Datasheet HTML 1Page - Linear Technology LT8640S Datasheet HTML 2Page - Linear Technology LT8640S Datasheet HTML 3Page - Linear Technology LT8640S Datasheet HTML 4Page - Linear Technology LT8640S Datasheet HTML 5Page - Linear Technology LT8640S Datasheet HTML 6Page - Linear Technology LT8640S Datasheet HTML 7Page - Linear Technology LT8640S Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
dc2530af
DEMO MANUAL DC2530A
DESCRIPTION
Figure 1. LT8640S Demo Circuit DC2530A Efficiency vs
Load Current (Input from VIN Terminal)
Figure 2. LT8640S Demo Circuit DC2530A
Temperature Rising vs Input Voltage
VOUT = 5V
POWER LOSS
fSW = 2MHz
SYNC/MODE = GND
EFFICIENCY
VIN = 12V
VIN = 24V
LOAD CURRENT (A)
0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
60
65
70
75
80
85
90
95
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
dc2530 F01
VOUT = 5V
fSW = 2MHz
IOUT = 6A
IOUT = 5A
IOUT = 4A
INPUT VOLTAGE (V)
6
12
18
24
30
36
42
0
10
20
30
40
50
60
70
80
90
100
dc2530 F02



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com