Electronic Components Datasheet Search
  English  ▼

X  

LT8650S Datasheet(PDF) 2 Page - Linear Technology

Part # LT8650S
Description  Dual Channel 42V, 4A Synchronous Step-Down Silent Switcher with 6.2關A Quiescent Current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8650S Datasheet(HTML) 2 Page - Linear Technology

  LT8650S Datasheet HTML 1Page - Linear Technology LT8650S Datasheet HTML 2Page - Linear Technology LT8650S Datasheet HTML 3Page - Linear Technology LT8650S Datasheet HTML 4Page - Linear Technology LT8650S Datasheet HTML 5Page - Linear Technology LT8650S Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc2407af
DEMO MANUAL
DC2407A
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. Conducted EMI Performance
Figure 2: Radiated EMI Performance (CISPR 25 Radiated Emission Test with Class 5 Peak Limits)
DC2407A DEMO BOARD
(WITH EMI FILTER INSTALLED)
12V INPUT TO 5V OUTPUT1 AT 4A AND 3.3V OUTPUT2 AT 4A, fSW = 2MHz
SPREAD SPECTRUM MODE
FIXED FREQUENCY MODE
FREQUENCY (MHz)
0
3
6
9
12
15
18
21
24
27
30
–40
–30
–20
–10
0
10
20
30
40
50
60
DC2407 F01
DC2407A DEMO BOARD
(WITH EMI FILTER INSTALLED)
12V INPUT TO 5V OUTPUT1 AT 4A AND 3.3V OUTPUT2 AT 4A, fSW = 2MHz
VERTICAL POLARIZATION
PEAK DETECTOR
CLASS 5 PEAK LIMIT
SPREAD SPECTRUM MODE
FIXED FREQUENCY MODE
FREQUENCY (MHz)
0
100
200
300
400
500
600
700
800
900
1000
–5
0
5
10
15
20
25
30
35
40
45
50
DC2407 F02



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com