Electronic Components Datasheet Search
  English  ▼

X  

IL1776 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IL1776
Description  MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL1776 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IL1776 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL1776 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INT E GRAL
IL1776
2
BELMICROSYSTEMS
IL1776
High Input Impedance Amplifier
-
+
90k
10k
7
6
4
8
3
2
-15V
+ 15V
50M
30M
30M
500k
500k
Input
O utput
Multiple Feedback Bandpass Filter (1.0kHz)
-
+
7
6
8
4
3
2
2M
R3
R2
R1
-15V
+ 15V
Input
O utput



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com