Electronic Components Datasheet Search
  English  ▼

X  

LT8672 Datasheet(PDF) 3 Page - Linear Technology

Part # LT8672
Description  Active Rectifier Controller with Reverse Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8672 Datasheet(HTML) 3 Page - Linear Technology

  LT8672 Datasheet HTML 1Page - Linear Technology LT8672 Datasheet HTML 2Page - Linear Technology LT8672 Datasheet HTML 3Page - Linear Technology LT8672 Datasheet HTML 4Page - Linear Technology LT8672 Datasheet HTML 5Page - Linear Technology LT8672 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
dc2548af
DEMO MANUAL DC2548A
Quick start proceDure
Demonstration circuit 2548A is easy to set up to evalu-
ate the performance of the LT8672. Refer to Figure 2 for
proper measurement equipment setup and follow the
procedure below:
1. Place JP1 on VOUT or VIN position.
2. Connect the input power supply to VIN and GND.
3. Connect a load from VOUT to GND.
4. Turn on the power at the input.
5. Checkfortheproperoutputvoltages(VOUT = VIN – 20mV).
The demo board provides test points TP1 and TP3 to
accurately measure the voltage across the external
MOSFET.
NOTE. If there is no output, temporarily disconnect the
load to make sure that the load is not shorted.
6. Once the proper output voltage is established, adjust
the load within the operating ranges and observe the
output voltage.
7. To use the PG pin, connect a power source at VEXT
that is not higher than 5V.
8. Test point TP5 allows easy access to the voltage at
the AUX pin. The gate-source voltage can be observed
between TP2 and TP4.
Figure 2. Proper Measurement Equipment Setup
DC2548 F02
+
–
+
–
VOUT
IOUT
IIN
LOAD
+
–
+
–
+
–
VIN
+
–
POWER
SUPPLY



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com