Electronic Components Datasheet Search
  English  ▼

X  

LTC2335 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2335
Description  16-/18-Bit, Octal 1Msps, SAR ADC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2335 Datasheet(HTML) 2 Page - Linear Technology

  LTC2335 Datasheet HTML 1Page - Linear Technology LTC2335 Datasheet HTML 2Page - Linear Technology LTC2335 Datasheet HTML 3Page - Linear Technology LTC2335 Datasheet HTML 4Page - Linear Technology LTC2335 Datasheet HTML 5Page - Linear Technology LTC2335 Datasheet HTML 6Page - Linear Technology LTC2335 Datasheet HTML 7Page - Linear Technology LTC2335 Datasheet HTML 8Page - Linear Technology LTC2335 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
dc2412af
DEMO MANUAL DC2412A
DC890 QUICK START PROCEDURE
Figure 1. DC2412A Connection Diagram
BOARD PHOTO
Checktomakesurethatallswitchesandjumpersaresetto
theirdefaultsettingsasdescribedintheDC2412AJumpers
and Connectors section of this manual. The default con-
nections configure the ADC to use the onboard reference
and regulators to generate all the required bias voltages.
The analog inputs by default are DC coupled. Connect the
DC2412A to a DC890 USB High Speed Data Collection
Board using connector P1. Then, connect the DC890 to
a host PC with a standard USB A/B cable. Apply ±16V
to the indicated terminals. Then apply a low jitter signal
source to J5 and J6. Use J7 to route the signal sources
of J5 and J6 to the desired IN0 to IN7 inputs. Observe the
recommended input voltage range for each analog input.
Connect a low jitter 2.5VP-P sine wave or square wave to
connector J1. See DC2412 Assembly Options table for
the appropriate clock frequency. Note that J1 has a 50Ω
termination resistor to ground.
DEFAULT
INPUT LEVELS
–16V
±10.24V
±10.24V
GND
+16V
DC890
CLK
100MHz MAX
2.5VP-P
DC590 OR DC2026
DC2412A F01



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com