Electronic Components Datasheet Search
  English  ▼

X  

LTC2333 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2333
Description  16-/18-Bit, Octal, Quad and Dual 200ksps/350ksps/550ksps/800ksps SAR ADCs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2333 Datasheet(HTML) 3 Page - Linear Technology

  LTC2333 Datasheet HTML 1Page - Linear Technology LTC2333 Datasheet HTML 2Page - Linear Technology LTC2333 Datasheet HTML 3Page - Linear Technology LTC2333 Datasheet HTML 4Page - Linear Technology LTC2333 Datasheet HTML 5Page - Linear Technology LTC2333 Datasheet HTML 6Page - Linear Technology LTC2333 Datasheet HTML 7Page - Linear Technology LTC2333 Datasheet HTML 8Page - Linear Technology LTC2333 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
dc2365afa
DEMO MANUAL DC2365A
DC890 QUICK START PROCEDURE
Check to make sure that all switches and jumpers are
set to their default settings as described in the DC2365A
Jumpers section of this manual. The default connections
configuretheADCtousetheonboardreferenceandregula-
tors to generate all the required bias voltages. The analog
inputs by default are DC-coupled. Connect the DC2365A
to a DC890 USB high speed data collection board using
connector P1. Then, connect the DC890 to a host PC with
a standard USB A/B cable. Apply ±16V to the indicated
terminals. Then apply a low jitter signal source to J5 and
J6. Use J7 to route the signal sources of J5 and J6 to the
desired AIN0–AIN7 inputs. Observe the recommended
input voltage range for each analog input. Connect a low
jitter 2.5VP-P sine wave or square wave to connector J1.
See Table 1 for the appropriate clock frequency. Note that
J1 has a 50Ω termination resistor to ground.
Run the PScope™ software (Pscope.exe version K94 or
later) which can be downloaded from www.linear.com/
designtools/software.
Complete software documentation is available from the
Help menu. Updates can be downloaded from the Tools
menu. Check for updates periodically as new features
may be added.
The PScope software should recognize the DC2365A and
configure itself automatically.
Click the Collect button (Figure 2) to begin acquiring data.
The Collect button then changes to Pause, which can be
clicked to stop data acquisition.
ASSEMBLY OPTIONS
Table 1. DC2365A Assembly Options
ASSEMBLY VERSION
U1 PART NUMBER
MAX
CONVERSION RATE
NUMBER OF
CHANNELS
NUMBER OF BITS
MAX CLKIN
FREQUENCY
CLKIN/fs RATIO
DC2365A-A
LTC2358-18
200ksps
8 Simultaneous
18
60MHz
300
DC2365A-B
LTC2357-18
350ksps
4 Simultaneous
18
60.2MHz
172
DC2365A-C
LTC2353-18
550ksps
2 Simultaneous
18
49.5MHz
90
DC2365A-D
LTC2333-18
800ksps
8 Multiplexed
18
50.4MHz
63
DC2365A-E
LTC2358-16
200ksps
8 Simultaneous
16
60MHz
300
DC2365A-F
LTC2357-16
350ksps
4 Simultaneous
16
60.2MHz
172
DC2365A-G
LTC2353-16
550ksps
2 Simultaneous
16
49.5MHz
90
DC2365A-H
LTC2333-16
800ksps
8 Multiplexed
16
50.4MHz
63



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com