Electronic Components Datasheet Search
  English  ▼

X  

2N5302 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N5302
Description  NPN HIGH POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5302 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N5302 Datasheet HTML 1Page - Microsemi Corporation 2N5302 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN HIGH POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/456
Devices
Qualified Level
2N5302
2N5303
JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Symbol
2N5302
2N5303
Unit
Collector-Emitter Voltage
VCEO
60
80
Vdc
Collector-Base Voltage
VCBO
60
80
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
30
20
Adc
Base Current
IB
7.5
Adc
Total Power Dissipation
@ TA = +25
0C(1)
@ TC = +100
0C(2)
PT
5.0
115
W
W/
0C
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
0.875
0C/W
1) Derate linearly 28.57 mW/
0C for TA = +250C
2) Derate linearly 1.14 W/
0C for TC = +1000C
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Current
IC = 200 mAdc, IB = 0
2N5302
2N5303
V(BR)CEO
60
80
Vdc
Collector-Emitter Cutoff Current
VCE = 60 Vdc, IB = 0
2N5302
VCE = 80 Vdc, IB = 0
2N5303
ICEO
10
10
µAdc
Emitter-Base Cutoff Current
VEB = 5.0 Vdc, IC = 0
IEBO
5.0
µAdc
Collector-Emitter Cutoff Current
VBE = 1.5 Vdc, VCE = 60 Vdc
2N5302
VBE = 1.5 Vdc, VCE = 80 Vdc
2N5303
ICEX
5.0
5.0
µAdc
Collector-Emitter Cutoff Current
VCE = 60 Vdc
2N5302
VCE = 80 Vdc
2N5303
ICBO
5.0
5.0
µAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2
TO-3*
(TO-204AA)


Similar Part No. - 2N5302

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5302 MOSPEC-2N5302 Datasheet
178Kb / 4P
POWER TRANSISTORS(200W)
logo
ON Semiconductor
2N5302 ONSEMI-2N5302 Datasheet
251Kb / 6P
POWER TRANSISTORS NPN SILICON
1995
logo
Wing Shing Computer Com...
2N5302 WINGS-2N5302 Datasheet
47Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
ON Semiconductor
2N5302 ONSEMI-2N5302 Datasheet
120Kb / 8P
High-Power NPN Silicon Transistor
May, 2001 ??Rev. 0
logo
Seme LAB
2N5302 SEME-LAB-2N5302 Datasheet
11Kb / 1P
Bipolar NPN Device in a Bipolar NPN Device in a Metal Package.
More results

Similar Description - 2N5302

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3771 STMICROELECTRONICS-2N3771 Datasheet
64Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Jun-1997
BUX98C STMICROELECTRONICS-BUX98C Datasheet
41Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Sep-2003
2N6547 STMICROELECTRONICS-2N6547 Datasheet
46Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Oct-2001
BUT100 STMICROELECTRONICS-BUT100_03 Datasheet
45Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Feb-2003
2N3771 STMICROELECTRONICS-2N3771_00 Datasheet
46Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Dec-2000
logo
New Jersey Semi-Conduct...
2N1618 NJSEMI-2N1618 Datasheet
157Kb / 2P
HIGH POWER NPN SILICON TRANSISTOR
2N3772 NJSEMI-2N3772 Datasheet
124Kb / 1P
HIGH POWER NPN SILICON TRANSISTOR
BUX10 NJSEMI-BUX10 Datasheet
98Kb / 3P
HIGH POWER NPN SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
2N6676 MA-COM-2N6676 Datasheet
482Kb / 4P
NPN High Power Silicon Transistor
logo
New Jersey Semi-Conduct...
MJE2801 NJSEMI-MJE2801 Datasheet
84Kb / 1P
HIGH-POWER NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com