Electronic Components Datasheet Search
  English  ▼

X  

LT4430ES6 Datasheet(PDF) 2 Page - Linear Technology

Part # LT4430ES6
Description  Secondary-Side Optocoupler Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4430ES6 Datasheet(HTML) 2 Page - Linear Technology

  LT4430ES6 Datasheet HTML 1Page - Linear Technology LT4430ES6 Datasheet HTML 2Page - Linear Technology LT4430ES6 Datasheet HTML 3Page - Linear Technology LT4430ES6 Datasheet HTML 4Page - Linear Technology LT4430ES6 Datasheet HTML 5Page - Linear Technology LT4430ES6 Datasheet HTML 6Page - Linear Technology LT4430ES6 Datasheet HTML 7Page - Linear Technology LT4430ES6 Datasheet HTML 8Page - Linear Technology LT4430ES6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT4430
2
4430f
ABSOLUTE
AXI U
RATI GS
FOR ATIO
PACKAGE/ORDER I
ELECTRICAL CHARACTERISTICS
Supply Voltage
VIN ........................................................................20V
FB Voltage.................................................... –0.3V to 6V
OPTO Short-Circuit Duration............................ Indefinite
Operating Junction Temperature Range (Note 2)
.......................................................... –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
ORDER PART
NUMBER
S6 PART
MARKING
TJMAX = 125°C, θJA = 250°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTBFY
LT4430ES6
(Note 1)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, FB = VFB, COMP = 1V, unless otherwise noted (Note 3).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
●
320
V
IIN
Supply Current
3V ≤ VIN ≤ 20V
●
1.9
3.9
mA
VUVLO
Undervoltage Lockout Threshold
OC Held Low for VIN < VUVLO
●
1.95
2.2
2.5
V
VFB
Feedback Reference Voltage
3V ≤ VIN ≤ 20V
●
0.5955
0.5925
0.6
0.6
0.6045
0.6075
V
V
VFB Line Regulation
3V ≤ VIN ≤ 20V
0.02
0.1
%
IFB
FB Input Bias Current
FB = VFB
–150
–75
nA
IOC
Overshoot Control Charging Current
VOC = 0V
●
–15
–8.5
–5
µA
OC Clamp Voltage
0.93
V
OC Amplifier Offset Voltage
FB = 0.3V
48
mV
AVOL
Error Amplifier Open-Loop DC Gain
VCOMP = 0.8V to 1V
●
60
80
dB
Error Amplifier Unity-Gain Bandwidth
No Load (Note 4)
9
MHz
Error Amplifier Output Swing Low
FB = 1V
●
0.1
0.35
0.55
V
Error Amplifier Output Swing High
FB = 0V
●
1.2
1.33
1.5
V
Error Amplifier Output Source Current
FB = 0V, COMP = 1V
●
–800
–450
–225
µA
Error Amplifier Output Sink Current
FB = 1V, COMP = 1V
25
mA
Opto Driver Inverting DC Gain
–6.4
–6
–5.6
V/V
Opto Driver –3dB Bandwidth
No Load (Note 4)
600
kHz
Opto Driver Output Swing Low
FB = 0V, COMP = Open
●
0.5
0.85
V
Opto Driver Output Swing High
VIN = 3V, FB = 1V, COMP = Open,
IOPTO = 10mA
●
VIN – 1.25 VIN – 1.05
V
VIN = 20V, FB = 1V, COMP = Open,
IOPTO = 10mA
●
4.2
5.6
7.5
V
VIN 1
GND 2
OC 3
6 OPTO
5 COMP
4 FB
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com