Electronic Components Datasheet Search
  English  ▼

X  

SD05C Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SD05C
Description  VOLTAGE RANGE 5 Volts POWER RATING 350 Watts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SD05C Datasheet(HTML) 1 Page - Rectron Semiconductor

  SD05C Datasheet HTML 1Page - Rectron Semiconductor SD05C Datasheet HTML 2Page - Rectron Semiconductor SD05C Datasheet HTML 3Page - Rectron Semiconductor SD05C Datasheet HTML 4Page - Rectron Semiconductor SD05C Datasheet HTML 5Page - Rectron Semiconductor SD05C Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
* IEC61000-4-2(ESD)±15kV(air),±8kV(CONTACT)
* IEC61000-4-2(EFT)40A(5/50ns)
* 350Watts Peak Pulse Power per (tp=8/20us)
*
MECHANICAL DATA
*
* High temperature soldering guaranted:260?/10s
SD05C
Protects one I/O line(bidirectional)
Dimensions in inches and (millimeters)
2014-12
REV: O
ELECTRICAL CHARACTERISTICS (@ TA = 25 C unless otherwise noted )
MAXIMUM RATINGES (@ TA = 25oC unless otherwise noted )
Notes 1. Valld provided that device terminals are kept at amblent temperature.
2. "Fully RoHS Compliant", "100% Sn plating (Pb-free)".
ESD PROTECTION DIODE
VOLTAGE RANGE 5 Volts POWER RATING 350 Watts
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
REF .019(0.46)
.106(2.70)
.098(2.50)
.055(1.40)
.047(1.20)
.071(1.80)
.063(1.60)
MAX.039(1.00)
.004(.10)
.000(.00)
SOD-323
* Low clamping voltage
* Working voltages:3V,5V,12V,15V,24V
* Low leakage current
* Reel size:7 inch
SOD-323 package
* Flammability Rating:UL 94V-0
* Packaging:Tape ang Reel
* Material:Halogen free


Similar Part No. - SD05C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD05C SEMTECH-SD05C Datasheet
143Kb / 7P
Single Line TVS Diode for ESD Protection in Portable Electronics?
SD05C SEMTECH-SD05C Datasheet
152Kb / 7P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
SeCoS Halbleitertechnol...
SD05C SECOS-SD05C Datasheet
252Kb / 2P
130W Bi-Direction Transient Voltage Suppressors Diode
logo
Littelfuse
SD05C LITTELFUSE-SD05C Datasheet
702Kb / 4P
450W Discrete Bidirectional TVS Diode
logo
Shanghai Semitech Semic...
SD05C SEMITECH-SD05C Datasheet
126Kb / 3P
Unidirectional Configurations
More results

Similar Description - SD05C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE15034 ONSEMI-MJE15034 Datasheet
64Kb / 6P
4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS 50 WATTS
November, 2003 ??Rev. 2
MJE15034 ONSEMI-MJE15034_06 Datasheet
74Kb / 5P
4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS, 50 WATTS
January, 2006 ??Rev. 3
logo
Taiwan Semiconductor Co...
BZX84C2V4 TSC-BZX84C2V4 Datasheet
71Kb / 3P
Voltage Range 2.4 to 51 Volts 350m Watts Power Dissipation
logo
Rectron Semiconductor
BZX84C2V4 RECTRON-BZX84C2V4 Datasheet
179Kb / 3P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 350 mWatts
MMBZ5223B RECTRON-MMBZ5223B Datasheet
249Kb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 350 mWatts
logo
Artesyn Technologies
AVE350B-48S28-6 ARTESYN-AVE350B-48S28-6 Datasheet
1Mb / 3P
Total Power: 350 Watts
LPQ352-C ARTESYN-LPQ352-C Datasheet
1Mb / 4P
Total Power: 350 Watts
logo
Shanghai Shunye Electro...
PJDLC05 SHUNYE-PJDLC05_17 Datasheet
1Mb / 3P
5 to 24 Volts POWER 400 Watts VOLTAGE WATT
PJDLC12 SHUNYE-PJDLC12 Datasheet
1Mb / 3P
5 to 24 Volts POWER 400 Watts VOLTAGE WATT
PJDLC24 SHUNYE-PJDLC24 Datasheet
1Mb / 3P
5 to 24 Volts POWER 400 Watts VOLTAGE WATT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com