Electronic Components Datasheet Search
  English  ▼

X  

TAB08LC Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # TAB08LC
Description  Bidirectional Ultra Low Capacitance TVS Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

TAB08LC Datasheet(HTML) 2 Page - Rectron Semiconductor

  TAB08LC Datasheet HTML 1Page - Rectron Semiconductor TAB08LC Datasheet HTML 2Page - Rectron Semiconductor TAB08LC Datasheet HTML 3Page - Rectron Semiconductor TAB08LC Datasheet HTML 4Page - Rectron Semiconductor TAB08LC Datasheet HTML 5Page - Rectron Semiconductor TAB08LC Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Units
V
ESD
ESD per IEC 61000-4-2 (Air)
ESD per IEC 61000-4-2 (Contact)
±15
±8
kV
PPP
Peak Pulse Power (8/20μs)
350
W
TOPT
Operating Temperature
-55/+150
°C
TSTG
Storage Temperature
-55/+150
°C
TL
Lead Soldering Temperature
260
°C
ELECTRICAL CHARACTERISTICS (Tamb=25°°C)
VRWM
VB
IT
VC@1A
VC
IR
CT
(V)
(V)
(mA)
(V)
(V)
(μA)
(pF)
PART
NUMBER
DEVICE
MARKING
(max.)
(min.)
(max.)
(max.)
(@A)
(max.)
(typ.)
TAB03LC
CC
3.0
4.0
1
7.0
13.9
8
20
0.8
TAB05LC
AC
5.0
6.0
1
9.8
18.3
8
5
0.8
TAB08LC
BC
8.0
8.5
1
13.4
18.5
8
2
0.8
TAB12LC
DC
12.0
13.3
1
19.0
28.6
6
1
0.8
TAB15LC
EC
15.0
16.7
1
24.0
31.8
5
1
0.8
TAB24LC
HC
24.0
26.7
1
43.0
56.0
3
1
0.8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com