Electronic Components Datasheet Search
  English  ▼

X  

MD7002 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # MD7002
Description  Dual Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

MD7002 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  MD7002 Datasheet HTML 1Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dual Transistors
TO-78 Case (Continued)
71
www.centralsemi.com
TYPE NO.
DESCRIPTION
IC
VCBO VCEO
hFE
@ IC
@ VCE
VCE (SAT ) @ IC
fT
MATCHING
(mA)
(V)
(V)
(V)
(mA)
(V)
(V)
(mA)
(MHz)
hFE
VBE
*TYP
MAX
MIN
MIN
MIN
MAX
MAX
MIN
%
(mV)
MD982
PNP AMPL/SWITCH
600
60
50
35
- -
10
10
0.5
150
200
- -
- -
MD2219A
NPN AMPL/SWITCH
500
60
30
100
300
150
10
0.4
150
200
- -
- -
MD2369
NPN SAT SWITCH
500
40
15
40
140
10
1
0.25
10
500
- -
- -
MD2369A
NPN SAT SWITCH
500
40
15
40
140
10
1
0.25
10
500
10
5.0
MD2369B
NPN SAT SWITCH
500
40
15
40
140
10
1
0.25
10
500
20
10
MD2905A
PNP AMPL/SWITCH
600
60
60
100
300
150
10
0.4
150
200
- -
- -
MD5179
NPN VHF/UHF OSC
50
20
12
25
- -
3.0
1.0
0.4
10
900
10
10
MD7000
NPN AMPL/SWITCH
500
50
30
40
- -
300
30
0.4
150
200
- -
- -
MD7001
PNP AMPL/SWITCH
600
50
30
40
- -
300
30
0.4
150
200
- -
- -
MD7002
NPN LOW NOISE
30
50
40
40
- -
0.1
10
0.35
10
200
- -
- -
MD7002A
NPN LOW NOISE
30
50
40
40
- -
0.1
10
0.35
10
200
25
25
MD7002B
NPN LOW NOISE
30
50
40
40
- -
0.1
10
0.35
10
200
15
15
MD7003
PNP LOW NOISE
50
50
40
40
- -
0.1
10
0.35
10
200
- -
- -
MD7003A
PNP LOW NOISE
50
50
40
40
- -
0.1
10
0.35
10
200
25
25
MD7003B
PNP LOW NOISE
50
50
40
40
- -
0.1
10
0.35
10
200
15
15
MD8001
NPN LOW NOISE
30
40
40
100
- -
1.0
10
- -
- -
260*
- -
15
MD8002
NPN LOW NOISE
30
50
50
100
- -
1.0
10
- -
- -
260*
- -
15
MD8003
NPN LOW NOISE
30
60
60
100
- -
1.0
10
- -
- -
260*
- -
15
Available on Special Order. Please Consult Factory.
2N4854*
MD984
MD3250,A
MD6502
2N4937
MD985*
MD3251,A
MD7004
2N4938
MD986
MD3725
MD7005
2N4939
MD1123
MD6002
MD7007,A
2N6502
MD1130
MD6003
MD7021*
MD918,A,B
MD1132
MD6100*
*NPN/PNP Complementary Types.


Similar Part No. - MD7002

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MD7002 CENTRAL-MD7002 Datasheet
54Kb / 1P
Dual Transistors
logo
New Jersey Semi-Conduct...
MD7002 NJSEMI-MD7002 Datasheet
97Kb / 2P
NPN SILICON ANNULAR MULTIPLE TRANSISTORS
logo
Won-Top Electronics
MD7002 WTE-MD7002 Datasheet
32Kb / 2P
70A MOTOROLA TYPE PRESS-FIT DIODE
logo
Central Semiconductor C...
MD7002A CENTRAL-MD7002A Datasheet
54Kb / 1P
Dual Transistors
logo
New Jersey Semi-Conduct...
MD7002A NJSEMI-MD7002A Datasheet
97Kb / 2P
NPN SILICON ANNULAR MULTIPLE TRANSISTORS
More results

Similar Description - MD7002

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MD982 CENTRAL-MD982 Datasheet
54Kb / 1P
Dual Transistors
2N2060 CENTRAL-2N2060 Datasheet
52Kb / 1P
Dual Transistors
logo
Micro Commercial Compon...
UMH2N MCC-UMH2N Datasheet
375Kb / 4P
Dual Transistors
UMT1N MCC-UMT1N Datasheet
541Kb / 4P
Dual Transistors
UMH2N MCC-UMH2N_11 Datasheet
401Kb / 4P
Dual Transistors
UMT1N MCC-UMT1N_11 Datasheet
382Kb / 4P
Dual Transistors
UMB4N MCC-UMB4N Datasheet
787Kb / 4P
Dual Transistors
UMY1N MCC-UMY1N Datasheet
467Kb / 3P
Dual Transistors
UMZ1N MCC-UMZ1N_13 Datasheet
522Kb / 5P
Dual Transistors
EMD22 MCC-EMD22 Datasheet
326Kb / 3P
Dual Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com